Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5754 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 2SC5754
Description  NPN SILICON RF TRANSISTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5754 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 2SC5754 Datasheet HTML 7Page - Renesas Technology Corp 2SC5754 Datasheet HTML 8Page - Renesas Technology Corp 2SC5754 Datasheet HTML 9Page - Renesas Technology Corp 2SC5754 Datasheet HTML 10Page - Renesas Technology Corp 2SC5754 Datasheet HTML 11Page - Renesas Technology Corp 2SC5754 Datasheet HTML 12Page - Renesas Technology Corp 2SC5754 Datasheet HTML 13Page - Renesas Technology Corp 2SC5754 Datasheet HTML 14Page - Renesas Technology Corp 2SC5754 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Data Sheet PU10008EJ02V0DS
10
2SC5754
EXAMPLE OF CHARACTERISTICS FOR 1.8 GHz PA EVALUATION BOARD
VCE = 3.2 V, f = 1.8 GHz
ICq = 4 mA, 1/2 Duty
30
25
20
15
10
5
0
300
50
100
150
250
200
0
–10
5
0
–5
10
15
20
Input Power Pin (dBm)
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
GP
Pout
IC
C
η
VCE = 3.2 V, f = 1.8 GHz
ICq = 20 mA, 1/2 Duty
30
25
20
15
10
5
0
300
50
100
150
250
200
0
–10
5
0
–5
10
15
20
Input Power Pin (dBm)
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
GP
Pout
IC
C
η
VCE = 3.6 V, f = 1.8 GHz
ICq = 4 mA, 1/2 Duty
30
25
20
15
10
5
0
300
50
100
150
250
200
0
–10
5
0
–5
10
15
20
Input Power Pin (dBm)
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
GP
Pout
IC
C
η
VCE = 3.6 V, f = 1.8 GHz
ICq = 20 mA, 1/2 Duty
30
25
20
15
10
5
0
300
50
100
150
250
200
0
–10
5
0
–5
10
15
20
Input Power Pin (dBm)
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
GP
Pout
IC
C
η
Remark The graphs indicate nominal characteristics.
S-PARAMETERS
S-parameters/Noise parameters are provided on the NEC Compound Semiconductor Devices Web site in a form
(S2P) that enables direct import to a microwave circuit simulator without keyboard input.
Click here to download S-parameters.
[RF and Microwave]
→ [Device Parameters]
URL http://www.csd-nec.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com