Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2245AD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC2245AD
Description  Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2245AD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC2245AD Datasheet HTML 3Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 4Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 5Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 6Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 7Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 8Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 9Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 10Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
2003 Nov 17
7
Philips Semiconductors
Product specification
Octal transceiver with direction pin, 30
Ω series
termination resistors; 5 V tolerant input/output; 3-state
74LVC2245A
DC CHARACTERISTICS
At recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 to +85 °C
VIH
HIGH-level input voltage
1.2
VCC
−−
V
2.7 to 3.6
2.0
−−
V
VIL
LOW-level input voltage
1.2
−−
0V
2.7 to 3.6
−−
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA
2.7 to 3.6
VCC − 0.2
VCC
−
V
IO = −6 mA
2.7
VCC − 0.5
−−
V
IO = −12 mA
3.0
VCC − 0.8
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA
2.7 to 3.6
−
0
0.2
V
IO =6mA
2.7
−−
0.4
V
IO =12mA
3.0
−−
0.55
V
ILI
input leakage current
VI = 5.5 V or GND
3.6
−±0.1
±5
µA
IOZ
3-state output OFF-state
current
VI =VIH or VIL;
VO = 5.5 V or GND
3.6
−±0.1
±5
µA
Ioff
power off leakage supply
VI or VO = 5.5 V
0.0
−±0.1
±10
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
3.6
−
0.1
10
µA
∆I
CC
additional quiescent supply
current per pin
VI =VCC − 0.6 V;
IO =0
2.7 to 3.6
−
5
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com