Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2245AD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC2245AD
Description  Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2245AD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC2245AD Datasheet HTML 5Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 6Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 7Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 8Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 9Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 10Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 11Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 12Page - NXP Semiconductors 74LVC2245AD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2003 Nov 17
9
Philips Semiconductors
Product specification
Octal transceiver with direction pin, 30
Ω series
termination resistors; 5 V tolerant input/output; 3-state
74LVC2245A
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.5 ns.
Notes
1. Typical values are measured at VCC = 3.3 V.
2. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed
by design.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay An to Bn; Bn to An
see Figs 5 and 7 1.2
−
26
−
ns
2.7
1.5
4.0
7.3
ns
3.0 to 3.6 1.5
3.6(1)
6.3
ns
tPZH/tPZL
3-state output enable time
OE to An; OE to Bn
see Figs 6 and 7 1.2
−
28
−
ns
2.7
1.5
5.9
9.5
ns
3.0 to 3.6 1.5
4.3(1)
8.2
ns
tPHZ/tPLZ
3-state output disable time
OE to An; OE to Bn
see Figs 6 and 7 1.2
−
12.0
−
ns
2.7
1.5
3.8
6.9
ns
3.0 to 3.6 1.7
3.4(1)
5.9
ns
tsk(0)
skew
note 2
−−
1.0
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nAn to nYn
see Figs 5 and 7 1.2
−
13
−
ns
2.7
1.5
4.5
9.5
ns
3.0 to 3.6 1.5
3.6(1)
8.0
ns
tPZH/tPZL
3-state output enable time nOE to nYn
see Figs 6 and 7 1.2
−
20
−
ns
2.7
1.5
5.9
12.0
ns
3.0 to 3.6 1.5
4.3(1)
10.5
ns
tPHZ/tPLZ
3-state output disable time nOE to nYn see Figs 6 and 7 1.2
−
10
−
ns
2.7
1.5
3.8
9.0
ns
3.0 to 3.6 1.7
3.4(1)
7.5
ns
tsk(0)
skew
note 2
−−
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com