Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFPC311 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STFPC311
Description  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 18Page - STMicroelectronics STFPC311 Datasheet HTML 19Page - STMicroelectronics STFPC311 Datasheet HTML 20Page - STMicroelectronics STFPC311 Datasheet HTML 21Page - STMicroelectronics STFPC311 Datasheet HTML 22Page - STMicroelectronics STFPC311 Datasheet HTML 23Page - STMicroelectronics STFPC311 Datasheet HTML 24Page - STMicroelectronics STFPC311 Datasheet HTML 25Page - STMicroelectronics STFPC311 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
7 Programmable hotkeys
STFPC311
22/39
7
Programmable hotkeys
7.1
IR Remote control
Eight (8) commands are user programmable for hot key functions.
The address of the appliance (8-bit) is stored first into the internal RAM. Then, the command for
the hot keys are programmed into the internal RAM. Each hot key memory address could
accommodate one byte (8-bits). Usually one byte is reserved for one command. The RC data
is only cleared when the READY is pulled low (system goes into STANDBY state).
7.2
Front panel keys
Eight out of 24 keys are user programmable for hot key functions. Only keys from KS1 to KS4
can be programmed.
Figure 18. Programmable hot keys (only KS1 to KS4, Box FPK1)
8 hot keys are to be placed in each address location as indicated by the hotkey setting
command.
Figure 19. HOTKEY setting command address locations (8 hot keys)
For example, to store (Seg2/Key2) at the first location of the hot key RAM, the following
commands are sent:
●
10110000 (command+address), and
●
00010000 (hot key mask).
To store (Seg2/Key1), (Seg2/Key2), and (Seg4/Key1), the following commands are sent:
●
10110000 (command+address), and
●
00110010 (hot key mask).
The same commands apply to FPK2 and FPK3 programming.
Note:
Note: Reading the hot key values immediately upon STBY de-assertion is recommended. If
they are not read within the watchdog preset timer value, the hot key data is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com