Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8P34S2108NLGI Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 8P34S2108NLGI Datasheet HTML 6Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 7Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 8Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 9Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 10Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 11Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 12Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 13Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
©2016-2023 Renesas Electronics Corporation
March 21, 2023
8P34S2108 Datasheet
Additive Phase Jitter
The spectral purity in a band at a specific offset from the fundamental compared to the power of the fundamental is called the dBc Phase
Noise. This value is normally expressed using a Phase noise plot and is most often the specified plot in many applications. Phase noise
is defined as the ratio of the noise power present in a 1Hz band at a specified offset from the fundamental frequency to the power value
of the fundamental. This ratio is expressed in decibels (dBm) or a ratio of the power in the 1Hz band to the power in the fundamental.
When the required offset is specified, the phase noise is called a dBc value, which simply means dBm at a specified offset from the
fundamental. By investigating jitter in the frequency domain, we get a better understanding of its effects on the desired application over
the entire time record of the signal. It is mathematically possible to calculate an expected bit error rate given a phase noise plot.
Figure 2. Additive Phase Jitter. Frequency: 156.25MHz, Integration Range: 12kHz to 20MHz = 45fs typical
[h] Defined as skew between outputs on different devices operating at the same supply voltage, same frequency, same temperature and with equal
load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross points.
[i] Common Mode Input Voltage is defined as the cross-point voltage.
[j] VDD denotes VDDA, VDDB.
Offset from Carrier Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com