Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8P34S2108NLGI Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 8P34S2108NLGI Datasheet HTML 13Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 14Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 15Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 16Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 17Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 18Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 19Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 20Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
©2016-2023 Renesas Electronics Corporation
March 21, 2023
8P34S2108 Datasheet
2. Junction Temperature
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that
the bond wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj = JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in Power Dissipation section above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance JA must be used. Assuming no air flow
and a multi-layer board, the appropriate value is 22.4°C/W per Table 12 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 1.4175W * 22.4°C/W = 116.8°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the
type of board (multi-layer).
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website (see Ordering
Information for POD links). The package information is the most current data available and is subject to change without revision of this
document.
Marking Diagram
Table 12. Thermal Resistance JA for 48-lead VFQFPN, Forced Convection
JA (°C/W) vs. Air Flow (m/s)
Meters per Second
0
1
2
48-lead VFQFN Multi-Layer PCB, JEDEC Standard Test Boards
22.4
18.9
17.4
▪ Line 1, line 2, and line 3 indicates the part number.
▪ Line 4:
• “#” indicates stepping.
• “YYWW” indicates the date code (“YY” are the last two digits of the year, and
“WW” is a work week number that the part was assembled.
• “$” indicates the mark code.
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com