Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS2113-C Datasheet(PDF) 9 Page - Microchip Technology

Part # UCS2113-C
Description  USB Dual-Port Power Switch and Current Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-C Datasheet(HTML) 9 Page - Microchip Technology

Back Button UCS2113-C Datasheet HTML 5Page - Microchip Technology UCS2113-C Datasheet HTML 6Page - Microchip Technology UCS2113-C Datasheet HTML 7Page - Microchip Technology UCS2113-C Datasheet HTML 8Page - Microchip Technology UCS2113-C Datasheet HTML 9Page - Microchip Technology UCS2113-C Datasheet HTML 10Page - Microchip Technology UCS2113-C Datasheet HTML 11Page - Microchip Technology UCS2113-C Datasheet HTML 12Page - Microchip Technology UCS2113-C Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
 2020 Microchip Technology Inc.
DS20006466A-page 9
UCS2113-C
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = VS = 5V, TA = +27°C.
FIGURE 2-1:
Short Applied After
Power-Up.
FIGURE 2-2:
Power-Up Into a Short.
FIGURE 2-3:
VBUS Discharge Behavior.
FIGURE 2-4:
Power Switch On
Resistance vs. Temperature.
FIGURE 2-5:
Power Switch On/Off Time
vs. Temperature.
FIGURE 2-6:
VS Overvoltage Threshold
vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-2
0
2
4
6
8
10
12
-1
0
1
2
3
4
5
6
012345
Time (ms)
ALERT#
I
BUS
V
BUS
V
S = VDD = 5V
I
LIM = 5.2A, short applied at 1.5 ms
-2
0
2
4
6
8
10
12
-1
0
1
2
3
4
5
6
0
20
40
60
80
100
120
140
160
180
200
Time (ms)
ALERT#
I
BUS
S = VDD
V
S = VDD
V
S = VDD
-1
0
1
2
3
4
5
6
0
100
200
300
400
500
Time (ms)
V
BUS
0
5
10
15
20
25
30
35
40
45
-40
-15
10
35
60
85
110
Temperature (°C)
0,6
0,65
0,7
0,75
0,8
0,85
0,9
0,95
1
-40
-15
10
35
60
85
110
Temperature (°C)
Turn on time
Turn off time
5.90
5.92
5.94
5.96
5.98
6.00
6.02
6.04
6.06
6.08
6.10
-40
-15
10
35
60
85
110
Temperature (°C)
V
DD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com