Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS2113-C Datasheet(PDF) 10 Page - Microchip Technology

Part # UCS2113-C
Description  USB Dual-Port Power Switch and Current Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-C Datasheet(HTML) 10 Page - Microchip Technology

Back Button UCS2113-C Datasheet HTML 6Page - Microchip Technology UCS2113-C Datasheet HTML 7Page - Microchip Technology UCS2113-C Datasheet HTML 8Page - Microchip Technology UCS2113-C Datasheet HTML 9Page - Microchip Technology UCS2113-C Datasheet HTML 10Page - Microchip Technology UCS2113-C Datasheet HTML 11Page - Microchip Technology UCS2113-C Datasheet HTML 12Page - Microchip Technology UCS2113-C Datasheet HTML 13Page - Microchip Technology UCS2113-C Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
UCS2113-C
DS20006466A-page 10
 2020 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = VS = 5V, TA = +27°C.
FIGURE 2-7:
VS Undervoltage Threshold
vs. Temperature.
FIGURE 2-8:
Trip Current Limit Operation
vs. Temperature.
FIGURE 2-9:
IBUS Measurement
Accuracy.
FIGURE 2-10:
Active State Current vs.
Temperature (both channels on,
PWR_EN1 = PWR_EN2 = 1).
FIGURE 2-11:
Sleep State Current vs.
Temperature.
FIGURE 2-12:
ILIM1 Trip Current
Distribution.
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
-40
-15
10
35
60
85
110
Temperature (°C)
V
DD = 5V
Threshold
Hysteresis
-12%
-10%
-8%
-6%
-4%
-2%
0%
-40
-15
10
35
60
85
110
Temperature (°C)
V
S = VDD = 5V
I
LIM = 3.5 typical
Note: The percentage is relative to the
maximum specification (3.7A)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Current (A)
0
100
200
300
400
500
600
700
800
-40
-15
10
35
60
85
110
Temperature (°C)
I
DD + IS1 + IS2
I
DD
I
S1 + IS2
0
2
4
6
8
10
12
14
-40
-15
10
35
60
85
110
Temperature (°C)
I
DD + IS1 + IS2
I
DD
I
S1 + IS2
0%
10%
20%
30%
40%
50%
60%
70%
80%
VBUS Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com