Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6084IM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6084IM
Description  Precision CMOS Quad Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6084IM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6084IM Datasheet HTML 1Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 2Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 3Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 4Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 5Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LMC6084
Precision CMOS Quad Operational Amplifier
General Description
The LMC6084 is a precision quad low offset voltage opera-
tional amplifier, capable of single supply operation. Perfor-
mance characteristics include ultra low input bias current,
high voltage gain, rail-to-rail output swing, and an input
common mode voltage range that includes ground. These
features, plus its low offset voltage, make the LMC6084
ideally suited for precision circuit applications.
Other applications using the LMC6084 include precision full-
wave rectifiers, integrators, references, and sample-and-
hold circuits.
This device is built with National’s advanced Double-Poly
Silicon-Gate CMOS process.
For designs with more critical power demands, see the
LMC6064 precision quad micropower operational amplifier.
For a single or dual operational amplifier with similar fea-
tures, see the LMC6081 or LMC6082 respectively.
PATENT PENDING
Features
(Typical unless otherwise stated)
n
Low offset voltage:
150 µV
n
Operates from 4.5V to 15V single supply
n
Ultra low input bias current:
10 fA
n
Output swing to within 20 mV of supply rail, 100k load
n
Input common-mode range includes V
−
n
High voltage gain:
130 dB
n
Improved latchup immunity
Applications
n
Instrumentation amplifier
n
Photodiode and infrared detector preamplifier
n
Transducer amplifiers
n
Medical instrumentation
n
D/A converter
n
Charge amplifier for piezoelectric transducers
Connection Diagrams
14-Pin DIP/SO
Input Bias Current
vs Temperature
01146701
Top View
01146720
August 2000
© 2004 National Semiconductor Corporation
DS011467
www.national.com


Similar Part No. - LMC6084IM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6084IM/NOPB TI1-LMC6084IM/NOPB Datasheet
1Mb / 20P
LMC6084 Precision CMOS Quad Operational Amplifier
LMC6084IMX/NOPB TI1-LMC6084IMX/NOPB Datasheet
1Mb / 20P
LMC6084 Precision CMOS Quad Operational Amplifier
More results

Similar Description - LMC6084IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
Precision CMOS Quad Micropower Operational Amplifier
logo
Intersil Corporation
HA-5134883 INTERSIL-HA-5134883 Datasheet
123Kb / 5P
Precision Quad Operational Amplifier
logo
STMicroelectronics
TS514 STMICROELECTRONICS-TS514_05 Datasheet
248Kb / 10P
Precision Quad Operational Amplifier
Sep-2005
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP Datasheet
630Kb / 21P
QUAD PRECISION OPERATIONAL AMPLIFIER
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
Precision CMOS Quad Micropower Operational Amplifier
LMC6064IM TI1-LMC6064IM Datasheet
1Mb / 22P
LMC6064 Precision CMOS Quad Micropower Operational Amplifier
logo
Linear Technology
RH1014M LINER-RH1014M_15 Datasheet
115Kb / 6P
Quad Precision Operational Amplifier
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP_15 Datasheet
684Kb / 22P
QUAD PRECISION OPERATIONAL AMPLIFIER
LMC6064 TI1-LMC6064 Datasheet
1Mb / 22P
LMC6064 Precision CMOS Quad Micropower Operational Amplifier
LMC6084 TI1-LMC6084 Datasheet
1Mb / 20P
LMC6084 Precision CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com