Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6084IM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6084IM
Description  Precision CMOS Quad Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6084IM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC6084IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 9Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 10Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 11Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 12Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 13Page - National Semiconductor (TI) LMC6084IM Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Applications Hints (Continued)
The designer should be aware that when it is inappropriate
to lay out a PC board for the sake of just a few circuits, there
is another technique which is even better than a guard ring
on a PC board: Don’t insert the amplifier’s input pin into the
board at all, but bend it up in the air and use only air as an
insulator. Air is an excellent insulator. In this case you may
have to forego some of the advantages of PC board con-
struction, but the advantages are sometimes well worth the
effort of using point-to-point up-in-the-air wiring. See Figure
6.
Latchup
CMOS devices tend to be susceptible to latchup due to their
internal parasitic SCR effects. The (I/O) input and output pins
look similar to the gate of the SCR. There is a minimum
current required to trigger the SCR gate lead. The LMC6084
is designed to withstand 100 mA surge current on the I/O
pins. Some resistive method should be used to isolate any
capacitance from supplying excess current to the I/O pins. In
addition, like an SCR, there is a minimum holding current for
any latchup mode. Limiting current to the supply pins will
also inhibit latchup susceptibility.
Typical Single-Supply
Applications
(V
+ = 5.0 V
DC)
The extremely high input impedance, and low power con-
sumption, of the LMC6084 make it ideal for applications that
require battery-powered instrumentation amplifiers. Ex-
amples of these types of applications are hand-held pH
probes, analytic medical instruments, magnetic field detec-
tors, gas detectors, and silicon based pressure transducers.
Figure 7 shows an instrumentation amplifier that features
high differential and common mode input resistance
(>10
14
Ω), 0.01% gain accuracy at A
V = 1000, excellent
CMRR with 1 k
Ω imbalance in bridge source resistance.
Input current is less than 100 fA and offset drift is less than
2.5 µV/˚C. R
2 provides a simple means of adjusting gain
over a wide range without degrading CMRR. R
7 is an initial
trim used to maximize CMRR without using super precision
matched resistors. For good CMRR over temperature, low
drift resistors should be used.
01146707
FIGURE 4. Example of Guard Ring in P.C. Board
Layout
01146708
Inverting Amplifier
01146709
Non-Inverting Amplifier
01146710
Follower
FIGURE 5. Typical Connections of Guard Rings
01146711
(Input pins are lifted out of PC board and soldered directly to components.
All other pins connected to PC board).
FIGURE 6. Air Wiring
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com