Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC543AD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC543AD
Description  Octal D-type registered transceiver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC543AD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC543AD Datasheet HTML 3Page - NXP Semiconductors 74LVC543AD Datasheet HTML 4Page - NXP Semiconductors 74LVC543AD Datasheet HTML 5Page - NXP Semiconductors 74LVC543AD Datasheet HTML 6Page - NXP Semiconductors 74LVC543AD Datasheet HTML 7Page - NXP Semiconductors 74LVC543AD Datasheet HTML 8Page - NXP Semiconductors 74LVC543AD Datasheet HTML 9Page - NXP Semiconductors 74LVC543AD Datasheet HTML 10Page - NXP Semiconductors 74LVC543AD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LVC543A
Octal D-type registered transceiver (3-State)
1998 Jul 31
7
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V; VM = 0.5 VCC at VCC t 2.7V.
VOL and VOH are the typical output voltage drop that occur with the output load.
VX = VOL + 0.3V at VCC w 2.7V; VX = VOL + 0.1 VCC at VCC t 2.7V
VY = VOH –0.3V at VCC w 2.7V; VY = VOH – 0.1 VCC at VCC t 2.7V
SY00041
INPUT
VM
tPHL
tPLH
VOL
VI
VM
GND
VOH
OUTPUT
Waveform 1.
Input (An, Bn) to output (Bn, An) propagation
delays.
tw
tPHL
tPLH
LEXX INPUT
An, Bn
OUTPUT
VM
VM
VM
VM
VM
VI
GND
VOH
VOL
SA00408
Waveform 2.
Latch enable input (LEXX) pulse width and the
latch enable input to output (An, Bn) propagation delays.
tPLZ
tPZL
VI
OEXX, EXX
INPUT
GND
VCC
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00210
Waveform 3.
3-State enable and disable times
VM
An, Bn
INPUT
VM
LEXX, EXX
INPUT
tSU
th
NOTE: The shaded areas indicate when the input is permitted to change
for predictable output performance.
tSU
th
VI
GND
VI
GND
SW00211
Waveform 4.
Data setup and hold times for the (An, Bn) input
to the LEXX and EXX inputs.
TEST CIRCUIT
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
CL
VCC
RL=500 Ω
SWITCH POSITION
TEST
SWITCH
tPLH/tPHL
Open
tPLZ/tPZL
2
<VCC
tPHZ/tPZH
GND
Test Circuit for 3-State Outputs
Open
GND
S1
2
<VCC
DEFINITIONS
VCC
t 2.7V
2.7 – 3.6V
VIN
VCC
2.7V
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT
of pulse generators.
SW00047
RL=500 Ω
Waveform 5.
Load circuitry for switching times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com