Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC543AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC543AD
Description  Octal D-type registered transceiver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC543AD Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC543AD Datasheet HTML 1Page - NXP Semiconductors 74LVC543AD Datasheet HTML 2Page - NXP Semiconductors 74LVC543AD Datasheet HTML 3Page - NXP Semiconductors 74LVC543AD Datasheet HTML 4Page - NXP Semiconductors 74LVC543AD Datasheet HTML 5Page - NXP Semiconductors 74LVC543AD Datasheet HTML 6Page - NXP Semiconductors 74LVC543AD Datasheet HTML 7Page - NXP Semiconductors 74LVC543AD Datasheet HTML 8Page - NXP Semiconductors 74LVC543AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LVC543A
Octal D-type registered transceiver (3-State)
1998 Jul 31
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
LEBA
OEBA
A0
A1
A2
A3
A4
A5
A6
A7
EBA
VCC
EAB
B0
B1
B2
B3
B4
B6
B5
B7
LEAB
OEAB
GND
SW00212
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
LEBA
’B’ to ’A’ latch enable input
(active LOW)
2
OEBA
’B’ to ’A’ output enable
input (active LOW)
3,4,5,6, 7, 8, 9 10
A0 to A7
’A’ data inputs/outputs
11
EBA
’B’ to ’A’ enable input
(active LOW)
12
GND
ground (0V)
22, 21, 20, 19,
18, 17, 16, 15
B0 to B7
’B’ data inputs/outputs
13
OEAB
’A’ to ’B’ output enable
input (active LOW)
14
LEAB
’A’ to ’B’ latch enable input
(active LOW)
23
EAB
’A’ to ’B’ enable input
(active LOW)
24
VCC
positive supply voltage
LOGIC SYMBOL
8
9
7
10
4
5
3
6
17
16
18
15
21
20
22
19
B5
B6
B4
B7
B1
B2
B0
B3
1
14
13
11
2
23
A5
A6
A4
A7
A1
A2
A0
A3
LEBA
LEAB
OEAB
EBA
OEBA
EAB
SW00213
LOGIC SYMBOL (IEEE/IEC)
2EN4
13
G2
1
2C6
∇ 3
4
∇
3
4
5
6
7
8
9
10
22
21
20
19
18
17
16
15
SW00214
6D
5D
1C5
G1
1EN3
2
23
11
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com