Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE310 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # VRE310
Description  Low Cost Precision Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE310 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button VRE310 Datasheet HTML 17Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 18Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 19Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 20Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 21Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 22Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 23Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 24Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
VRE304-6
Low Cost
Precision Reference
DESCRIPTION
FEATURES
The VRE304-6 is a low cost, high precision
4.096V reference.
Packaged in the industry
standard 8 pin DIP, the device is ideal for
upgrading systems that use lower performance
references.
The device provides ultrastable +4.096V output
with ±0.409 mV (.01%) initial accuracy and a
temperature coefficient of 0.6 ppm/°C.
This
improvement in accuracy is made possible by a
unique, patented multipoint laser compensation
technique
developed
by
Thaler
Corporation.
Significant improvements have been made in
other performance parameters as well, including
initial accuracy, warm-up drift, line regulation, and
long-term stability, making the VRE304-6 series
the most accurate reference available in the
standard 8 pin DIP package.
For enhanced performance, the VRE304-6 has an
external trim option for users who want less than
0.01% initial error. For ultra low noise applications,
an external capacitor can be attached between the
noise reduction pin and the ground pin.
A
reference ground pin is provided to eliminate
socket contact resistance errors.
5
6
7
8
VRE304-6
TOP
VIEW
1
2
3
4
N/C
+V
IN
TEMP
GND
NOISE
REDUCTION
REF. GND
V
OUT
TRIM
PIN CONFIGURATION
The VRE304-6 is recommended for use as a
reference for 14, 16, or 18 bit D/A converters
which require an external precision reference.
The device is also ideal for calibrating scale factor
on high resolution A/D converters. The VRE304-
6 offers superior performance over monolithic
references.
• 4.096 V OUTPUT ± 0.409 mV (.01%)
• TEMPERATURE DRIFT: 0.6 ppm/°C
• LOW NOISE: 3µV
p-p (0.1-10Hz)
• INDUSTRY STD PINOUT- 8 PIN DIP OR
SURFACE MOUNT PACKAGE
•EXCELLENT LINE REGULATION: 6ppm/V Typ.
• OPERATES ON +15V SUPPLY
FIGURE 1
VRE304-6DS REV. D JUN 1999
SELECTION GUIDE
Model
Temp.
Range
°C
Temp.
Coeff.
ppm/°C
VRE304-6A
0.41
0.6
0°C to +70°C
VRE304-6B
0.64
1.0
0°C to +70°C
VRE304-6C
0.82
2.0
0°C to +70°C
VRE304-6J
0.41
0.6
-40°C to +85°C
VRE304-6K
0.64
1.0
-40°C to +85°C
VRE304-6L
0.82
2.0
-40°C to +85°C
For package option add D for DIP or S for Surface Mount
to end of model number.
Initial
Error
mV
THALER CORPORATION •2015 N. FORBES BOULEVARD •TUCSON, AZ. 8574 5 •(520) 882 -4000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com