Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE310 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # VRE310
Description  Low Cost Precision Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE310 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button VRE310 Datasheet HTML 8Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 9Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 10Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 11Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 12Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 13Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 14Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 15Page - List of Unclassifed Manufacturers VRE310 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
MODEL
A/J
B/K
C/L
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ABSOLUTE RATINGS
Power Supply
+14
+15
+16
*
*
*
*
*
*
V
Operating Temp. (A,B,C)
0
+70
*
*
*
*
°C
Operating Temp. (J,K,L)
-40
+85
*
*
*
*
°C
Storage Temperature
-65
+150
*
*
*
*
°C
Short Circuit Protection
Continuous
*
*
OUTPUT VOLTAGE
VRE303
3.000
*
*
V
Temp. Sensor Voltage
630
*
*
mV
OUTPUT VOLTAGE ERRORS
Initial Error
0.30
0.48
0.60
mV
Warmup Drift
1
2
3
ppm
T
min - Tmax
0.6
1.0
2.0
ppm/°C
Long-Term Stability
6
*
*
ppm/1000hrs
Noise (.1-10Hz)
2.0
*
*
µVpp
OUTPUT CURRENT
Range
±10
*
*
mA
REGULATION
Line
6
10
*
*
*
*
ppm/V
Load
3
*
*
ppm/mA
OUTPUT ADJUSTMENT
Range
10
*
*
mV
POWER SUPPLY CURRENTS
VRE303 +PS
5
7
*
*
*
*
mA
VRE303
NOTES:
*Same as A/J Models.
1. The temp. reference TC is 2.1mV/ °C
2. The specified values are without external trim.
3. The temperature coefficient is determined by the box
method using the following formula:
V
max - Vmin
T.C. =
x 106
V
nominal x (Tmax-Tmin)
(1)
(5)
(2)
(3)
VRE303DS REV. B MAY 2001
Vps =+15V, T = 25°C, RL = 10K
Ω unless otherwise noted.
ELECTRICAL SPECIFICATIONS
4. The specified values are without the external
noise reduction capacitor.
5. The specified values are unloaded.
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com