Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRPB-10C Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRPB-10C
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-10C Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRPB-10C Datasheet HTML 1Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 2Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 3Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 4Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 5Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 6Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 7Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 8Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 02.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPB-10C
3.3V Input / 0.9V – 2.5V Output / 10A
page 2
Input Specifications
Absolute Maximum Ratings
Note: Use beyond the maximum ratings may cause a reliability degradation of the DC/DC
converter or may permanently damage the device.
Note:
Input capacitance two 270µF/
16V, ESR = 0.018
Ω max at
100kHz @ 25° C.
1. With simulated source
impedance of 500nH, 5Hz to
20MHz.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
t
i
n
U
e
g
a
t
l
o
V
t
u
p
n
I
s
u
o
u
n
i
t
n
o
Cn
i
V3
.
0
-
4V
e
g
a
t
l
o
V
l
a
n
i
m
r
e
T
e
l
b
a
n
E
t
u
p
t
u
On
e
t
u
o
V3
.
0
-
6V
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
Ab
m
a
T0
4
-
5
8C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sr
o
t
s
T5
5
-
5
0
1C
°
r
e
t
e
m
a
r
a
P
e
l
u
d
o
M
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
e
g
a
t
l
o
V
t
u
p
n
I
g
n
i
t
a
r
e
p
Oll
An
i
V3
3
.
36
.
3V
t
n
e
r
r
u
C
t
u
p
n
I
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
n
i
I
0
1
3
.
7
2
.
6
0
.
5
9
.
3
A
t
n
e
r
r
u
C
t
u
p
n
I
d
a
o
L
o
N
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
0
2
1
5
6
1
0
5
1
0
8
1
5
6
1
0
2
2
0
2
2
0
2
2
0
2
2
0
2
2
A
m
t
n
e
r
r
u
C
t
u
p
n
I
f
f
O
e
t
o
m
e
R
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
6
6
3
3
3
0
1
0
1
0
1
0
1
0
1
A
m
t
n
e
r
r
u
C
e
l
p
p
i
R
d
e
t
c
e
l
f
e
R
t
u
p
n
I
1
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
5
2
0
3
0
3
8
2
3
2
0
6
0
6
0
6
0
6
0
6
s
m
r
A
m
t
n
e
r
r
u
C
e
l
p
p
i
R
d
e
t
c
e
l
f
e
R
t
u
p
n
I
1
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
0
8
5
9
5
9
2
9
5
7
0
5
1
0
5
1
0
5
1
0
5
1
0
5
1
k
p
A
m
I2
t
n
e
i
s
n
a
r
T
t
n
e
r
r
u
C
h
s
u
r
n
I
t
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
9
.
0
0
2
0
.
0
0
1
0
.
0
0
1
0
.
0
6
0
0
.
0
6
0
0
.
0
A2s
d
l
o
h
s
e
r
h
T
e
g
a
t
l
o
V
n
O
n
r
u
Tll
A
8
.
2
V
d
l
o
h
s
e
r
h
T
e
g
a
t
l
o
V
f
f
O
n
r
u
Tll
A
5
.
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com