Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRPB-10C Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # VRPB-10C
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-10C Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button VRPB-10C Datasheet HTML 8Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 9Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 10Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 11Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 12Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 13Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 14Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 15Page - Bel Fuse Inc. VRPB-10C Datasheet HTML 16Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 02.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP05VRPB-10C
3.3V Input / 0.9V – 2.5V Output / 10A
page 13
Output Voltage Set-Point Adjustment
VRPB-10C15S Trim Resistor Calculation
Vo_nom
1.504
=
Unit:Volt
Rtrim_down Vo_adj
()
2.15 Vo_adj
0.8
−
()
⋅
Vo_nom
Vo_adj
−


1.78
−
:=
Unit:Kohm
Rtrim_up Vo_adj
()
1.72
Vo_adj
Vo_nom
−


1.78
−
:=
Unit:Kohm
1.35
1.38
1.41
1.44
1.47
1.5
5.91
85.83
165.74
245.66
325.57
V7PB-10C15S Rtrim_down Curve
Rtrim_down Vo_adj
()
Vo_adj
1.51
1.54
1.57
1.59
1.62
1.65
9.98
62.19
114.4
166.61
218.82
V7PB-10C15S Rtrim_up Curve
Rtrim_up Vo_adj
()
Vo_adj



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com