Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRPC-04C Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # VRPC-04C
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPC-04C Datasheet(HTML) 4 Page - Bel Fuse Inc.

  VRPC-04C Datasheet HTML 1Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 2Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 3Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 4Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 5Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 6Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 02.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPC-04C
3.3V Input / 5V Output / 4A
page 4
General Specifications
Control Specifications
1. Vin=3.3V, full load and Ta=25° C.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
f
f
O
/
n
O
e
t
o
m
e
Rn
e
t
u
o
V
V
)
f
f
O
t
i
n
U
(
w
o
L
l
a
n
g
i
S3
.
0
-
3
.
0V
)
n
O
t
i
n
U
(
h
g
i
H
l
a
n
g
i
S8
.
2
5V
Efficiency Data
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
0.0
1.0
2.0
3.0
4.0
OUTPUT CURRENT
3.0V
3.3V
4.0V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
y
c
n
e
i
c
i
f
f
E
1
η
7
80
9
%
y
c
n
e
u
q
e
r
F
g
n
i
h
c
t
i
w
Sw
s
F0
8
10
0
20
2
2z
H
k
t
h
g
i
e
W
3
.
9
g



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com