Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRPC-04C Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRPC-04C
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPC-04C Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRPC-04C Datasheet HTML 1Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 2Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 3Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 4Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 5Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 6Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 02.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPC-04C
3.3V Input / 5V Output / 4A
•
Nonisolated
•
Industry standard pinout
•
Fixed frequency
•
High efficiency means less power dissipation
•
Optimized for cost
•
Remote on/off
•
Undervoltage lockout
•
Over current and short circuit protection
•
Industrial temperature range
Description
The Bel VRPC-04C series modules are non-isolated, boost DC/DC power converters that operate from a nominal 3.3V
source. These converters provide an output voltage of 5V and are packaged in an industry standard single-in-line footprint
with 4A maximum output. Standard features include remote on/off, over current and short circuit protection. A version of this
converter is also available without remote on/off. These products may be used almost anywhere 5V is required and a 3.3V
source is available. Typical applications include file servers, routers, line cards and other computing and communications
equipment.
Applications
page 1
VRPC-04C Series
•
Telecommunications
•
Networking
•
Computers and peripherals
Part Number Selection
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
.
x
a
M
t
u
p
t
u
O
r
e
w
o
P
l
a
c
i
p
y
T
y
c
n
e
i
c
i
f
f
E
r
e
b
m
u
N
t
r
a
P
f
f
O
/
n
O
e
t
o
m
e
R
h
t
i
w
r
e
b
m
u
N
t
r
a
P
f
f
O
/
n
O
e
t
o
m
e
R
t
u
o
h
t
i
w
V
0
.
5V
3
.
3A
4W
0
2%
0
90
0
5
C
4
0
-
C
P
R
VN
0
5
C
4
0
-
C
P
R
V
RoHS Compliant


Similar Part No. - VRPC-04C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPC-04C50A BEL-VRPC-04C50A Datasheet
122Kb / 5P
NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output
VRPC-04C50A BEL-VRPC-04C50A Datasheet
148Kb / 6P
NON-ISOLATED DC/DC CONVERTERS
VRPC-04C50W BEL-VRPC-04C50W Datasheet
122Kb / 5P
NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output
VRPC-04C50W1 BEL-VRPC-04C50W1 Datasheet
148Kb / 6P
NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRPC-04C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com