Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBU0741 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 9DBU0741
Description  7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBU0741 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 9DBU0741 Datasheet HTML 7Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 8Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 9Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 10Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 11Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 12Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 13Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 14Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MARCH 8, 2017
11
7-OUTPUT 1.5V PCIE GEN1-2-3 FANOUT BUFFER WITH ZO=100OHMS
9DBU0741 DATASHEET
SMBus Table: Output Enable Register
1
Byte 0
Name
Control Function
Type
0
1
Default
Bit 7
DIF OE5
Output Enable
RW
Low/Low
Enabled
1
Bit 6
DIF OE4
Output Enable
RW
Low/Low
Enabled
1
Bit 5
1
Bit 4
DIF OE3
Output Enable
RW
Low/Low
Enabled
1
Bit 3
DIF OE2
Output Enable
RW
Low/Low
Enabled
1
Bit 2
DIF OE1
Output Enable
RW
Low/Low
Enabled
1
Bit 1
1
Bit 0
DIF OE0
Output Enable
RW
Low/Low
Enabled
1
1. A low on these bits will override the OE# pin and force the differential output Low/Low
SMBus Table: PLL Operating Mode and Output Amplitude Control Register
Byte 1
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
1
Bit 5
DIF OE6
Output Enable
RW
Low/Low
Enabled
1
Bit 4
0
Bit 3
1
Bit 2
1
Bit 1
AMPLITUDE 1
RW
00 = 0.55V
01= 0.65V
1
Bit 0
AMPLITUDE 0
RW
10 = 0.7V
11 = 0.8V
0
1. A low on the DIF OE bit will override the OE# pin and force the differential output Low/Low
SMBus Table: DIF Slew Rate Control Register
Byte 2
Name
Control Function
Type
0
1
Default
Bit 7
SLEWRATESEL DIF5
Adjust Slew Rate of DIF5
RW
Slow Setting
Fast Setting
1
Bit 6
SLEWRATESEL DIF4
Adjust Slew Rate of DIF4
RW
Slow Setting
Fast Setting
1
Bit 5
1
Bit 4
SLEWRATESEL DIF3
Adjust Slew Rate of DIF3
RW
Slow Setting
Fast Setting
1
Bit 3
SLEWRATESEL DIF2
Adjust Slew Rate of DIF2
RW
Slow Setting
Fast Setting
1
Bit 2
SLEWRATESEL DIF1
Adjust Slew Rate of DIF1
RW
Slow Setting
Fast Setting
1
Bit 1
1
Bit 0
SLEWRATESEL DIF0
Adjust Slew Rate of DIF0
RW
Slow Setting
Fast Setting
1
Note: See "DIF 0.7V Low-Power HCSL Outputs" table for slew rates.
SMBus Table: DIF Slew Rate Control Register
Byte 3
Name
Control Function
Type
0
1
Default
Bit 7
1
Bit 6
1
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
1
Bit 1
1
Bit 0
SLEWRATESEL DIF6
Adjust Slew Rate of DIF6
RW
Slow Setting
Fast Setting
1
Note: See "DIF 0.7V Low-Power HCSL Outputs" table for slew rates.
Byte 4 is Reserved and reads back 'hFF
Reserved
Reserved
Reserved
Reserved
Reserved
Controls Output Amplitude
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com