Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT47N65SC3 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT47N65SC3
Description  Super Junction MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT47N65SC3 Datasheet(HTML) 2 Page - Microsemi Corporation

  APT47N65SC3 Datasheet HTML 1Page - Microsemi Corporation APT47N65SC3 Datasheet HTML 2Page - Microsemi Corporation APT47N65SC3 Datasheet HTML 3Page - Microsemi Corporation APT47N65SC3 Datasheet HTML 4Page - Microsemi Corporation APT47N65SC3 Datasheet HTML 5Page - Microsemi Corporation APT47N65SC3 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DYNAMIC CHARACTERISTICS
APT47N65BC3
SINGLE PULSE
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0.5
0.1
0.3
0.7
0.9
0.05
UNIT
Amps
Volts
ns
µC
V/ns
MIN
TYP
MAX
47
141
1.2
580
650
23
16.5
6
Symbol
R
θJC
R
θ
JA
MIN
TYP
MAX
0.30
62
UNIT
°C/W
Characteristic
Junction to Case
Junction to Ambient
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
dv/
dt
Symbol
C
iss
C
oss
C
rss
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
E
on
E
off
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Turn-on Switching Energy 6
Turn-off Switching Energy
Turn-on Switching Energy 6
Turn-off Switching Energy
Test Conditions
VGS = 0V
VDS = 25V
f = 1 MHz
VGS = 10V
VDD = 300V
ID = 47A @ 25°C
INDUCTIVE SWITCHING
VGS = 13V
VDD = 380V
ID = 47A @ 125°C
RG = 5Ω
INDUCTIVE SWITCHING @ 25°C
VDD = 400V, VGS = 15V
ID = 47A, RG = 5Ω
INDUCTIVE SWITCHING @ 125°C
VDD = 400V VGS = 15V
ID = 47A, RG = 5Ω
MIN
TYP
MAX
6965
8355
2100
2940
85
127
250
375
30
45
105
157
18
36
28
56
295
442
84
168
810
1620
840
1680
1172
1758
985
1970
UNIT
pF
nC
ns
µJ
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
THERMAL CHARACTERISTICS
1 Repetitive Rating: Pulse width limited by maximum junction
temperature
2 Pulse Test: Pulse width < 380 µs, Duty Cycle < 2%
3 See MIL-STD-750 Method 3471
4 Starting Tj = +25°C, L = 36.0mH, RG = 25Ω, Peak IL = 10A
5 dv
/
dt numbers reflect the limitations of the test circuit rather than the
device itself. I
S = -ID47A ,
di/
dt = 700A/µs VR = VDSS, TJ = 150°C
6 Eon includes diode reverse recovery. See figures 18, 20.
7 Repetitve avalanche causes additional power losses that can be
calculated as
PAV=EAR*f
Microsemi Reserves the right to change, without notice, the specifications and information contained herein.
Characteristic / Test Conditions
Continuous Source Current (Body Diode)
Pulsed Source Current 1 (Body Diode)
Diode Forward Voltage 2 (V
GS = 0V, IS = -47A)
Reverse Recovery Time (I
S = -47A, dlS/dt = 100A/µs, VR = 350V)
Reverse Recovery Charge (I
S = -47A, dlS/dt = 100A/µs, VR = 350V)
Peak Diode Recovery dv/
dt
5
Peak T J = P DM x Z θJC + TC
Duty Factor D =
t1/t2
t2
t1
Note:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com