Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8530-05 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # VSC8530-05
Description  Single Port Industrial Grade Fast Ethernet Copper PHY with RGMII/RMII Interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8530-05 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button VSC8530-05 Datasheet HTML 17Page - Microsemi Corporation VSC8530-05 Datasheet HTML 18Page - Microsemi Corporation VSC8530-05 Datasheet HTML 19Page - Microsemi Corporation VSC8530-05 Datasheet HTML 20Page - Microsemi Corporation VSC8530-05 Datasheet HTML 21Page - Microsemi Corporation VSC8530-05 Datasheet HTML 22Page - Microsemi Corporation VSC8530-05 Datasheet HTML 23Page - Microsemi Corporation VSC8530-05 Datasheet HTML 24Page - Microsemi Corporation VSC8530-05 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
Functional Descriptions
VMDS-10516 VSC8530-05 Datasheet Revision 4.1
14
device does not loop back the fast link pulse after a specific time, register bit 23E1.9:8 automatically
resets to 10.
4.
If the VSC8530-05 PHY reports that the link partner requires PoE, the Ethernet switch must enable
inline-power on this port, independent of the PHY.
5.
The PHY automatically disables inline-powered device detection when the register bits 23E1.9:8
automatically reset to 10, and then automatically changes to its normal auto-negotiation process. A
link is then autonegotiated and established when the link status bit is set (register bit 1.2 is set to 1).
6.
In the event of a link failure (indicated when register bit 1.2 reads 0), it is recommended that the
inline-power be disabled to the inline-powered device independent of the PHY. The VSC8530-05
PHY disables its normal auto-negotiation process and re-enables its inline-powered device detection
mode.
3.7
IEEE 802.3af Power-over-Ethernet Support
The VSC8530-05 device is compatible with designs intended for use in systems that supply power to
data terminal equipment (DTE) by means of the MDI or twisted pair cable, as described in IEEE 802.3af
Clause 33.
3.8
ActiPHY Power Management
In addition to the IEEE-specified power down control bit (device register bit 0.11), the VSC8530-05
device also includes an ActiPHY power management mode for each PHY. This mode enables support for
power-sensitive applications. It utilizes a signal-detect function that monitors the media interface for the
presence of a link to determine when to automatically power down the PHY. The PHY wakes up at a
programmable interval and attempts to wake up the link partner PHY by sending a burst of fast link pulse
over copper media.
The ActiPHY power management mode is enabled on a per-port basis during normal operation at any
time by setting register bit 28.6 to 1.
The following operating states are possible when ActiPHY mode is enabled:
•
Low power state
•
Link partner wake-up state
•
Normal operating state (link-up state)
The VSC8530-05 device switches between the low power state and link partner wake-up state at a
programmable rate (the default is two seconds) until signal energy has been detected on the media
interface pins. When signal energy is detected, the PHY enters the normal operating state. If the PHY is
in its normal operating state and the link fails, the PHY returns to the low power state after the expiration
of the link status time-out timer. After reset, the PHY enters the low power state.
When auto-negotiation is enabled in the PHY, the ActiPHY state machine operates as described.
When auto-negotiation is disabled and the link is forced to use 10BASE-T or 100BASE-TX modes while
the PHY is in its low power state, the PHY continues to transition between the low power and link partner
wake-up states until signal energy is detected on the media pins. At that time, the PHY transitions to the
normal operating state and stays in that state even when the link is dropped. When auto-negotiation is
disabled while the PHY is in the normal operation state, the PHY stays in that state when the link is
dropped and does not transition back to the low power state.
The following illustration shows the relationship between ActiPHY states and timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com