Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541-01 Datasheet(PDF) 20 Page - Microsemi Corporation

Part # VSC8541-01
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8541-01 Datasheet(HTML) 20 Page - Microsemi Corporation

Back Button VSC8541-01 Datasheet HTML 16Page - Microsemi Corporation VSC8541-01 Datasheet HTML 17Page - Microsemi Corporation VSC8541-01 Datasheet HTML 18Page - Microsemi Corporation VSC8541-01 Datasheet HTML 19Page - Microsemi Corporation VSC8541-01 Datasheet HTML 20Page - Microsemi Corporation VSC8541-01 Datasheet HTML 21Page - Microsemi Corporation VSC8541-01 Datasheet HTML 22Page - Microsemi Corporation VSC8541-01 Datasheet HTML 23Page - Microsemi Corporation VSC8541-01 Datasheet HTML 24Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
Functional Descriptions
VMDS-10496 VSC8541-01 Datasheet Revision 4.2
10
•
0.13, 0.6—Forced speed selection
•
0.12—Enable autonegotiation
•
0.8—Duplex
•
0.9:8—1000BASE-T capability
•
23.12:11—MAC interface selection
•
19E1.3:2—Force MDI crossover
•
20E2.6:4—RX_CLK delay
•
20E2.2:0—TX_CLK delay
Additionally, the following registers are set to 1 by default in unmanaged mode.
•
28.6—ActiPHY enable
•
20E1.4—Link speed autodownshift enable
3.3.3.1
Signals A and B
Signals A and B are used to set the RGMII RX_CLK and TX_CLK (GTX_CLK) delay settings (as defined
in register 20E2), as per the following table.
3.3.3.2
Signals C and D
Signals C and D are used to select the link advertisement settings, as defined in the following table.
3.3.3.3
Signal E
Signal E is used to select between RMII and RGMII MAC interface modes. When the state of Signal E is
latched to logic 0 on the rising edge of reset, the device operates in RGMII mode. When the state of
Signal E is latched to logic 1 on the rising edge of reset, the device operates in RMII mode.
Note: RMII only supports 10/100 Mbps speeds. When RMII mode is selected, the link advertisement selection
must also be changed to either 01, 10, or 11 settings, as defined in Table 9, page 10.
Note: Correct configuration of the device is an end user responsibility, and no attempt is made in the device to
disallow incorrect configurations.
Additionally, in unmanaged mode, the following settings are changed from their default values:
•
Enable link speed downshift (register 20E1.4 set to 1)
•
Enable ActiPHY (register 28.6 set to 1)
3.3.3.4
PHY Address Bit 0/1 Selection in Unmanaged Mode
The RXD4 and RXD5 pins can be pulled LOW or HIGH externally to set the bit 0 and bit 1 of the device
PHY address. The upper 3 bits of the PHY address are always set to 0, and the lower 2 bits can be set to
Table 8 •
Signals A and B
Signals A, B
RX_CLK and TX_CLK Delay Setting
0, 0
000 - 0.2 ns
0, 1
010 - 1.1 ns
1, 0
100 - 2.0 ns
1, 1
110 - 2.6 ns
Table 9 •
Signals C and D
Signals C, D
Link Advertisement
0, 0
Default mode of operation, 10/100/1000 FDX/HDX, autoneg ON
0, 1
10/100 FDX/HDX, autoneg ON (disable 1000BT advertisements)
1, 0
100BTX, HDX forced mode, autoneg OFF
1, 1
10BT, HDX forced mode, autoneg OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com