Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541-01 Datasheet(PDF) 95 Page - Microsemi Corporation

Part # VSC8541-01
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8541-01 Datasheet(HTML) 95 Page - Microsemi Corporation

Back Button VSC8541-01 Datasheet HTML 91Page - Microsemi Corporation VSC8541-01 Datasheet HTML 92Page - Microsemi Corporation VSC8541-01 Datasheet HTML 93Page - Microsemi Corporation VSC8541-01 Datasheet HTML 94Page - Microsemi Corporation VSC8541-01 Datasheet HTML 95Page - Microsemi Corporation VSC8541-01 Datasheet HTML 96Page - Microsemi Corporation VSC8541-01 Datasheet HTML 97Page - Microsemi Corporation VSC8541-01 Datasheet HTML 98Page - Microsemi Corporation VSC8541-01 Datasheet HTML 99Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 100 page
background image
Package Information
VMDS-10496 VSC8541-01 Datasheet Revision 4.2
85
7
Package Information
The VSC8541XMV-01 package is a lead-free (Pb-free), 68-pin, plastic quad flat no-lead (QFN) package
with an exposed pad, 8 mm × 8 mm body size, 0.4 mm pin pitch, and 0.9 mm maximum height.
Lead-free products from Microsemi comply with the temperatures and profiles defined in the joint IPC
and JEDEC standard IPC/JEDEC J-STD-020. For more information, see the IPC and JEDEC standard.
This section provides the package drawing, thermal specifications, and moisture sensitivity rating for the
VSC8541-01 device.
7.1
Package Drawing
The following illustration shows the package drawing for the VSC8541-01 device. The drawing contains
the top view, bottom view, side view, dimensions, tolerances, and notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com