Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACDN044 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PACDN044
Description  Transient Voltage Suppressors / ESD Protectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN044 Datasheet(HTML) 1 Page - California Micro Devices Corp

  PACDN044 Datasheet HTML 1Page - California Micro Devices Corp PACDN044 Datasheet HTML 2Page - California Micro Devices Corp PACDN044 Datasheet HTML 3Page - California Micro Devices Corp PACDN044 Datasheet HTML 4Page - California Micro Devices Corp PACDN044 Datasheet HTML 5Page - California Micro Devices Corp PACDN044 Datasheet HTML 6Page - California Micro Devices Corp PACDN044 Datasheet HTML 7Page - California Micro Devices Corp PACDN044 Datasheet HTML 8Page - California Micro Devices Corp PACDN044 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
11/26/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
1
PACDN042/43/44/45/46
Transient Voltage Suppressors / ESD Protectors
Features
•
Two, three, four, five, or six transient voltage
suppressors
•
Compact SMT package saves board space and
facilitates layout in space-critical applications
•
In-system ESD protection to 20kV contact
discharge, per the IEC 61000-4-2 international
standard
•
Lead-free versions available
Applications
•
ESD protection of PC ports, including USB ports,
serial ports, parallel ports, IEEE1394 ports,
docking ports, proprietary ports, etc.
•
Protection of interface ports or IC pins which are
exposed to high ESD levels
Product Description
The family of devices consists of the PACDN042,
PACDN043, PACDN044, PACDN045, and PACDN046.
These devices are transient voltage suppressor arrays
that provide a very high level of protection for sensitive
electronic components which may be subjected to
electrostatic discharge (ESD). The PACDN042/43/44/
45/46 devices are designed and characterized to dissi-
pate safely ESD strikes that exceed IEC 61000-4-2
International Standard Level 4 (8kV contact discharge).
All pins are rated to withstand 20kV ESD pulses using
the IEC 61000-4-2 contact discharge method. Using
the MIL-STD-883D (Method 3015) specification for
Human Body Model (HBM) ESD, all pins are protected
from contact discharges of greater than 30kV.
The PACDN042/43/44/45/46 is available with lead-free
finishing, supporting the current global industry move-
ment to lead free manufacturing.
Electrical Schematic
GND
GND
GND
GND
12
34
87
65
PACDN044T
TSSOP-8
GND
GND
12
34
87
6
5
PACDN046
MSOP-8
GND
12
43
PACDN043
SOT-143
GND
12
3
PACDN042
SOT23-3
SC70-3
GND
3
PACDN044Y
SOT23-5
SC70-5
54
2
1
GND
3
PACDN045
SOT23-6
SC70-6
64
2
1
5


Similar Part No. - PACDN044

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACDN044 ONSEMI-PACDN044 Datasheet
345Kb / 24P
Transient Voltage Suppressors and ESD Protectors
June 2010 Rev. 4
PACDN044TR ONSEMI-PACDN044TR Datasheet
345Kb / 24P
Transient Voltage Suppressors and ESD Protectors
June 2010 Rev. 4
PACDN044TR ONSEMI-PACDN044TR Datasheet
235Kb / 14P
Transient Voltage Suppressors
October, 2016 ??Rev. 7
PACDN044Y5R ONSEMI-PACDN044Y5R Datasheet
345Kb / 24P
Transient Voltage Suppressors and ESD Protectors
June 2010 Rev. 4
PACDN044Y5R ONSEMI-PACDN044Y5R Datasheet
235Kb / 14P
Transient Voltage Suppressors
October, 2016 ??Rev. 7
More results

Similar Description - PACDN044

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1219 CALMIRCO-CM1219 Datasheet
177Kb / 11P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
CM1218 CALMIRCO-CM1218 Datasheet
177Kb / 11P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1218 ONSEMI-CM1218 Datasheet
208Kb / 17P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1218-C4 ONSEMI-CM1218-C4 Datasheet
166Kb / 7P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1219 ONSEMI-CM1219 Datasheet
100Kb / 7P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1248-04QG ONSEMI-CM1248-04QG Datasheet
155Kb / 6P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
CM1248-04S9 ONSEMI-CM1248-04S9 Datasheet
153Kb / 7P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1250-04QG ONSEMI-CM1250-04QG Datasheet
97Kb / 7P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 Rev. 3
CM1249-04S9 ONSEMI-CM1249-04S9 Datasheet
100Kb / 7P
Low Capacitance Transient Voltage Suppressors/ESD Protectors
2009 ??Rev. (whole #)
PACDN042 ONSEMI-PACDN042 Datasheet
345Kb / 24P
Transient Voltage Suppressors and ESD Protectors
June 2010 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com