Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95233 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95233
Description  Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95233 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM95233 Datasheet HTML 1Page - National Semiconductor (TI) LM95233 Datasheet HTML 2Page - National Semiconductor (TI) LM95233 Datasheet HTML 3Page - National Semiconductor (TI) LM95233 Datasheet HTML 4Page - National Semiconductor (TI) LM95233 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ordering Information
Part Number
Package
Marking
NS Package
Number
Transport
Media
LM95233CISD
95233CI
SDA14B (LLP-14)
1000 Units on Tape and Reel
LM95233CISDX
95233CI
SDA14B (LLP-14)
4500 Units on Tape and Reel
Simplified Block Diagram
20206302
Pin Descriptions
Label
Pin #
Function
Typical Connection
NC
1
No Connect
Not connected. May be left floating, connected to
GND or V
DD.
V
DD
2
Positive Supply Voltage
Input
DC Voltage from 3.0 V to 3.6 V. V
DD should be
bypassed with a 0.1µF capacitor in parallel with
100pF. The 100pF capacitor should be placed as
close as possible to the power supply pin. Noise
should be kept below 200 mVp-p, a 10 µF capacitor
may be required to achieve this.
NC
3
No Connect
Not connected. May be left floating, connected to
GND or V
DD.
NC
4
No Connect
Not connected. May be left floating, connected to
GND or V
DD.
D−
5
Diode Return Current Sink
To all Diode Cathodes. Common D- pin for all two
remote diodes.
www.national.com
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com