Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95233 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95233
Description  Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95233 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM95233 Datasheet HTML 1Page - National Semiconductor (TI) LM95233 Datasheet HTML 2Page - National Semiconductor (TI) LM95233 Datasheet HTML 3Page - National Semiconductor (TI) LM95233 Datasheet HTML 4Page - National Semiconductor (TI) LM95233 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pin Descriptions (Continued)
Label
Pin #
Function
Typical Connection
D2+
6
Diode Current Source
To second Diode Anode. Connected to remote
discrete diode-connected transistor junction or to the
diode-connected transistor junction on a remote IC
whose die temperature is being sensed. A capacitor
is not required between D2+ and D-. A 100 pF
capacitor between D2+ and D- can be added and
may improve perfomance in noisy systems. Float
this pin if this thermal diode is not used.
D1+
7
Diode Current Source
To first Diode Anode. Connected to remote discrete
diode-connected transistor junction or to the
diode-connected transistor junction on a remote IC
whose die temperature is being sensed. A capacitor
is not required between D1+ and D-. A 100 pF
capacitor between D1+ and D- can be added and
may improve perfomance in noisy systems. Float
this pin if this thermal diode is not used.
GND
8
Power Supply Ground
System low noise ground.
A0
9
Dgital Input
SMBus slave address select pin. Selects one of
three addresses. Can be tied to V
DD, GND, or to the
middle of a resistor divider connected between V
DD
and GND.
TCRIT1
10
Digital Output, Open-Drain
Critical temperature output 1. Requires pull-up
resistor. Active "LOW".
TCRIT2
11
Digital Output, Open-Drain
Critical temperature output 2. Requires pull-up
resistor. Active "LOW".
SMBDAT
12
SMBus Bi-Directional Data
Line, Open-Drain Output
From and to Controller; may require an external
pull-up resistor
SMBCLK
13
SMBus Clock Input
From Controller; may require an external pull-up
resistor
TCRIT3
14
Digital Output, Open-Drain
Critical temperature output 3. Requires pull-up
resistor. Active "LOW".
www.national.com
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com