Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT16240ADL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # VT16240ADL
Description  3.3V LVT 16-bit inverting buffer/driver 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VT16240ADL Datasheet(HTML) 1 Page - NXP Semiconductors

  VT16240ADL Datasheet HTML 1Page - NXP Semiconductors VT16240ADL Datasheet HTML 2Page - NXP Semiconductors VT16240ADL Datasheet HTML 3Page - NXP Semiconductors VT16240ADL Datasheet HTML 4Page - NXP Semiconductors VT16240ADL Datasheet HTML 5Page - NXP Semiconductors VT16240ADL Datasheet HTML 6Page - NXP Semiconductors VT16240ADL Datasheet HTML 7Page - NXP Semiconductors VT16240ADL Datasheet HTML 8Page - NXP Semiconductors VT16240ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips
Semiconductors
74LVT16240A
3.3V LVT 16-bit inverting buffer/driver
(3-State)
Product specification
Supersedes data of 1994 Dec 15
IC23 Data Handbook
1998 Feb 19
INTEGRATED CIRCUITS


Similar Part No. - VT16240ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VT16244B-DGG PHILIPS-VT16244B-DGG Datasheet
80Kb / 10P
3.3V LVT 16-bit buffer/driver 3-State
1998 Oct 07
VT16244BDGG PHILIPS-VT16244BDGG Datasheet
80Kb / 10P
3.3V LVT 16-bit buffer/driver 3-State
1998 Oct 07
VT16244BDL PHILIPS-VT16244BDL Datasheet
80Kb / 10P
3.3V LVT 16-bit buffer/driver 3-State
1998 Oct 07
VT16245BDGG PHILIPS-VT16245BDGG Datasheet
78Kb / 10P
3.3V ABT 16-bit transceiver 3-State
1998 Feb 19
VT16245BDL PHILIPS-VT16245BDL Datasheet
78Kb / 10P
3.3V ABT 16-bit transceiver 3-State
1998 Feb 19
More results

Similar Description - VT16240ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
16-bit inverting buffer/driver 3-State
1998 Feb 25
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
16-bit buffer/line driver; inverting 3-State
1997 Jul 29
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT16244B PHILIPS-74LVT16244B Datasheet
80Kb / 10P
3.3V LVT 16-bit buffer/driver 3-State
1998 Oct 07
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
16-bit inverting buffer/line driver 3-State
August 23, 1993
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
Nexperia B.V. All right...
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com