Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2119FU/2 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCF2119FU/2
Description  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119FU/2 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCF2119FU/2 Datasheet HTML 37Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 38Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 39Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 40Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 41Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 42Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 43Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 44Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
2003 Jan 30
41
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119X
14 AC CHARACTERISTICS
VDD1 = 1.5 to 5.5 V; VDD2 =VDD3 = 2.2 to 4.0 V; VSS =0V; VLCD = 2.2 to 6.5 V; Tamb = −40 to +85 °C; unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fFR
LCD frame frequency (internal clock)
VDD = 5.0 V
45
95
147
Hz
fOSC
oscillator frequency (not available at any
pad)
140
250
450
kHz
fOSC(ext)
external clock frequency
140
−
450
kHz
tOSCST
oscillator start-up time after power-down
note 1
−
200
300
µs
Bus timing characteristics: parallel interface; note 2
WRITE OPERATION (WRITING DATA FROM MPU TO PCF2119X)
Tcy(en)
enable cycle time
500
−−
ns
tW(en)
enable pulse width
220
−−
ns
tsu(A)
address set-up time
50
−−
ns
th(A)
address hold time
25
−−
ns
tsu(D)
data set-up time
60
−−
ns
th(D)
data hold time
25
−−
ns
READ OPERATION (READING DATA FROM PCF2119XTO MPU)
Tcy(en)
enable cycle time
500
−−
ns
tW(en)
enable pulse width
220
−−
ns
tsu(A)
address set-up time
50
−−
ns
th(A)
address hold time
25
−−
ns
td(D)
data delay time
VDD1 > 2.2 V
−−
150
ns
VDD1 > 1.5 V
−−
250
ns
th(D)
data hold time
20
−
100
ns
Timing characteristics: I2C-bus interface; note 2
fSCL
SCL clock frequency
−−
400
kHz
tLOW
SCL clock low period
1.3
−−µs
tHIGH
SCL clock high period
0.6
−−µs
tSU;DAT
data set-up time
100
−−
ns
tHD;DAT
data hold time
0
−−
ns
tr
SCL, SDA rise time
notes 1 and 3
15 + 0.1CB
−
300
ns
tf
SCL, SDA fall time
notes 1 and 3
15 + 0.1CB
−
300
ns
CB
capacitive bus line load
−−
400
pF
tSU;STA
set-up time for a repeated START
condition
0.6
−−µs
tHD;STA
START condition hold time
0.6
−−µs
tSU;STO
set-up time for STOP condition
0.6
−−µs
tSW
tolerable spike width on bus
−−
50
ns
tBUF
bus free time between STOP and START
condition
1.3
−−µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com