Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2119FU/2 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # PCF2119FU/2
Description  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119FU/2 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button PCF2119FU/2 Datasheet HTML 44Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 45Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 46Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 47Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 48Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 49Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 50Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 51Page - NXP Semiconductors PCF2119FU/2 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 14 8-bit operation, 1-line display example; using external reset
STEP
INSTRUCTION
DISPLAY
OPERATION
1
power supply on (PCF2119x is initialized by the external
reset)
initialized; no display appears
2
function set
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
sets to 8-bit operation, selects 1-line display and
VLCD =V0
0000110000
3
display mode on/off control
0000001110
_
turns on display and cursor; entire display is blank after
initialization
4
entry mode set
0000000110
_
sets mode to increment the address by 1 and to shift the
cursor to the right at the time of the write to the
DD/CGRAM; display is not shifted
5
‘write data’ to CGRAM/DDRAM
1001010000
P_
writes ‘P’; the DDRAM has already been selected by
initialization at power-on; the cursor is incremented by 1
and shifted to the right
6
‘write data’ to CGRAM/DDRAM
1001001000
PH_
writes ‘H’
7to11
|
|
12
‘write data’ to CGRAM/DDRAM
1001010011
PHILIPS_
writes ‘S’
13
entry mode set
0000000111
PHILIPS_
sets mode for display shift at the time of write
14
‘write data’ to CGRAM/DDRAM
1000100000
HILIPS _
writes space
15
‘write data’ to CGRAM/DDRAM
1001001101
ILIPS
M_
writes ‘M’
16
|
|
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com