Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT16543ADGG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # VT16543ADGG
Description  3.3V LVT 16-bit registered transceiver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VT16543ADGG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button VT16543ADGG Datasheet HTML 3Page - NXP Semiconductors VT16543ADGG Datasheet HTML 4Page - NXP Semiconductors VT16543ADGG Datasheet HTML 5Page - NXP Semiconductors VT16543ADGG Datasheet HTML 6Page - NXP Semiconductors VT16543ADGG Datasheet HTML 7Page - NXP Semiconductors VT16543ADGG Datasheet HTML 8Page - NXP Semiconductors VT16543ADGG Datasheet HTML 9Page - NXP Semiconductors VT16543ADGG Datasheet HTML 10Page - NXP Semiconductors VT16543ADGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LVT16543A
3.3V 16-bit registered transceiver (3-State)
1998 Feb 19
7
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
2
1.0
1.0
2.2
2.2
3.7
3.7
4.4
4.4
ns
tPLH
tPHL
Propagation delay
nLEBA to nAx, nLEAB to nBx
1
2
1.5
1.5
2.7
2.7
4.8
4.8
6.2
6.2
ns
tPZH
tPZL
Output enable time
nOEBA to nAx, nOEAB to nBx
4
5
1.5
1.5
2.8
2.6
4.6
5.0
6.1
6.6
ns
tPHZ
tPLZ
Output disable time
nOEBA to nAx, nOEAB to nBx
4
5
2.0
2.0
3.1
3.2
5.2
4.6
5.7
4.7
ns
tPZH
tPZL
Output enable time
nEBA to nAx, nEAB to nBx
4
5
1.5
1.5
2.9
2.6
4.8
5.1
6.1
6.6
ns
tPHZ
tPLZ
Output disable time
nEBA to nAx, nEAB to nBx
4
5
2.0
2.0
3.1
3.2
5.1
4.3
5.7
4.5
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC SETUP REQUIREMENTS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP
MIN
ts(H)
ts(L)
Setup time
nAx to nLEAB, nBx to nLEBA
3
0.8
1.0
0.4
0.1
0.5
1.5
ns
th(H)
th(L)
Hold time
nAx to nLEAB, nBx to nLEBA
3
1.0
1.2
0.2
0.4
0.5
1.3
ns
ts(H)
ts(L)
Setup time
nAx to nEAB, nBx to nEBA
3
0.7
1.3
0.1
0.1
0.4
1.5
ns
th(H)
th(L)
Hold time
nAx to nEAB, nBx to nEBA
3
1.2
1.3
0.2
0.4
0.8
1.4
ns
tW(L)
Latch enable pulse width, Low
3
1.8
1.0
1.8
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
VIN
VM
tPHL
tPLH
VM
VM
VM
VOUT
2.7V
0V
VOH
VOL
SW00152
Waveform 1. Propagation Delay For Inverting Output
VM
tPLH
tPHL
VM
VM
VM
VIN
VOUT
2.7V
0V
VOH
VOL
SW00153
Waveform 2. Propagation Delay For Non-Inverting Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com