Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT16543ADGG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # VT16543ADGG
Description  3.3V LVT 16-bit registered transceiver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VT16543ADGG Datasheet(HTML) 2 Page - NXP Semiconductors

  VT16543ADGG Datasheet HTML 1Page - NXP Semiconductors VT16543ADGG Datasheet HTML 2Page - NXP Semiconductors VT16543ADGG Datasheet HTML 3Page - NXP Semiconductors VT16543ADGG Datasheet HTML 4Page - NXP Semiconductors VT16543ADGG Datasheet HTML 5Page - NXP Semiconductors VT16543ADGG Datasheet HTML 6Page - NXP Semiconductors VT16543ADGG Datasheet HTML 7Page - NXP Semiconductors VT16543ADGG Datasheet HTML 8Page - NXP Semiconductors VT16543ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LVT16543A
3.3V 16-bit registered transceiver (3-State)
2
1998 Feb 19
853–1764 18986
FEATURES
• 16-bit universal bus interface
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up 3-State
• Power-up reset
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74LVT16543A is a high-performance BiCMOS product
designed for VCC operation at 3.3V. The device can be used as two
8-bit transceivers or one 16-bit transceiver.
The 74LVT16543A contains two sets of eight D-type latches, with
separate control pins for each set. Using data flow from A to B as an
example, when the A-to-B Enable (nEAB) input and the A-to-B Latch
Enable (nLEAB) input are Low, the A-to-B path is transparent.
A subsequent Low-to-High transition of the nLEAB signal puts the A
data into the latches where it is stored and the B outputs no longer
change with the A inputs. With nEAB and nOEAB both Low, the
3-State B output buffers are active and display the data present at
the outputs of the A latches.
Control of data flow from B to A is similar, but using the nEBA,
nLEBA, and nOEBA inputs.
Active bus-hold circuitry is provided to hold unused or floating data
inputs at a valid logic level.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
CL = 50pF;
VCC = 3.3V
2.2
ns
CIN
Input capacitance control pins
VI = 0V or 3.0V
3
pF
CI/O
I/O pin capacitance
Outputs disabled; VI/O = 0V or 3.0V
9
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6V
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74LVT16543A DL
VT16543A DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74LVT16543A DGG
VT16543A DGG
SOT364-1
LOGIC SYMBOL (IEEE/IEC)
∇ 9
11 D
5 D
56
54
55
1
3
2
5
29
26
27
28
31
30
6
8
9
10
12
13
14
52
51
49
48
47
45
44
15
16
17
19
20
21
23
43
24
42
41
40
38
37
36
34
33
∇ 3
1EN3 (BA)
G1
1C5
2EN4 (AB)
G2
2C6
6 D
4
∇
7EN9 (BA)
G7
7C11
8EN10 (AB)
G8
8C12
12 D
10
∇
SW00151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com