Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD172SAP Datasheet(PDF) 1 Page - ORION FANS

Part # OD172SAP
Description  DC Fan, 12, 24, 48V 172x152x51mm (6.7”x5.9”x2.0”)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD172SAP Datasheet(HTML) 1 Page - ORION FANS

  OD172SAP Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OD172SAP - Reversible Flow
DC Fan, 12, 24, 48V
172x152x51mm (6.7”x5.9”x2.0”)
Knight Electronics, Inc.
10557 Metric Drive
Dallas, TX 75243
214-340-0265
Orion Fans
Information and data is subject to
change without prior notification
Frame
Die Cast Aluminum, Black finish
Impeller
PBT, UL94 V-0 plastic
Connection
4x Lead wires, 24 AWG
Motor
Brushless DC, Auto Restart,
Polarity Protected, Electronically
Protected
Bearing System
Dual Ball Bearings
Dielectric Strength
500 VAC/min, <1mA
Insulation Resistance
10M ohm between leadwires
and frame (500 VDC)
Part Number
Rated
Voltage
Input Power
Rated Current
Forward/Reverse
Rated Speed
(RPM)
Airflow (CFM)
Forward/Reverse
Noise Level (dB)
Max. Static
Pressure (”H
2O)
Forward / Reverse
OD172SAP-12HHB10AZ
12 VDC
24 W
1.94 A
3950
310 / 218
60
1.28 / 0.9
OD172SAP-24HHB10AZ
24 VDC
24 W
0.97 A
3950
310 / 218
60
1.28 / 0.9
OD172SAP-48HHB10AZ
48 VDC
24 W
0.49 A
3950
310 / 218
60
1.28 / 0.9
Operating Temperature
-15°C ~ +65°C
Storage Temperature
-25°C ~ +80°C
Life Expectancy
70,000 hours (L10 at 40°C)
Installed Options
PWM Speed Control
Tachometer Output
Weight: 1.54 lbs
Air flow
Direction
Toward
Label
(FWD)
Toward
Label
(FWD)
Toward
Label
(FWD)
Toward
Label
(FWD)
Toward
Label
(FWD)
Stopped
Reverse
Reverse
Reverse
Reverse
Reverse
PWM Duty Cycle
0%
10%
20%
30%
40%
46~55%
60%
70%
80%
90%
100%
Speed (RPM) ±10%
3900
3900
2860
1740
630
0
500
1750
2800
3925
4000
Tach Max Pullup Voltage:
Fan Model +Vcc
Tach Max Current:
5mA
Tach Low Voltage:
≤0.5 V
Tach Pulses per rotation:
2
PWM Input Voltage Max:
≤5V
PWM Input Max Sink Current:
5mA
PWM Frequency Range:
18KHz-30KHz
PWM Typical Frequency:
25KHz
RPM will be full speed if PWM input is disconnected.
Revised 10/8/2021
m0


Similar Part No. - OD172SAP

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD172SAP ORIONFANS-OD172SAP Datasheet
5Mb / 8P
AC & EC FANS
OD172SAP-12H ORIONFANS-OD172SAP-12H Datasheet
162Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172SAP-12H ORIONFANS-OD172SAP-12H Datasheet
162Kb / 1P
DC Fan
OD172SAP-12HBXC ORIONFANS-OD172SAP-12HBXC Datasheet
99Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172SAP-12HBXC ORIONFANS-OD172SAP-12HBXC Datasheet
99Kb / 1P
DC Fan
More results

Similar Description - OD172SAP

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD172SAPL ORIONFANS-OD172SAPL Datasheet
648Kb / 1P
DC Fan - 12, 24, 48V
OD127 ORIONFANS-OD127 Datasheet
107Kb / 1P
DC Fan - 12, 24, 48V 127x38.5mm (5.0?쓝 1.5??
OD172S ORIONFANS-OD172S Datasheet
162Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172SXC ORIONFANS-OD172SXC Datasheet
99Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD180APL ORIONFANS-OD180APL Datasheet
164Kb / 1P
DC Fan - 12, 24, 48V 180x65mm (7.1?쓝 2.6??
OD1232 ORIONFANS-OD1232 Datasheet
115Kb / 1P
DC Fan - 12, 24, 48V 120x32mm (4.7?쓝 1.25??
OD8038VA ORIONFANS-OD8038VA_16 Datasheet
329Kb / 1P
DC Fan - 12, 24, 48V 80x38mm (3.15?쓝 1.5??
OD9225 ORIONFANS-OD9225_16 Datasheet
636Kb / 1P
DC Fan - 12, 24, 48V 92x25 (3.62?쓝 1.00??
OD172S-XC ORIONFANS-OD172S-XC Datasheet
140Kb / 1P
DC Fan - High Performance 12, 24 48V 172x150x51mm (6.7”x 5.9”x 2.0”)
OD172SAP-XC-IP ORIONFANS-OD172SAP-XC-IP Datasheet
253Kb / 1P
DC Fans - 12, 24, 48V 172mm x 151mm x 51mm (6.8”x5.9”x2.0”)
2/17/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com