Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG5678CJR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STG5678CJR
Description  Low voltage dual SPDT switch with negative rail capability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5678CJR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STG5678CJR Datasheet HTML 6Page - STMicroelectronics STG5678CJR Datasheet HTML 7Page - STMicroelectronics STG5678CJR Datasheet HTML 8Page - STMicroelectronics STG5678CJR Datasheet HTML 9Page - STMicroelectronics STG5678CJR Datasheet HTML 10Page - STMicroelectronics STG5678CJR Datasheet HTML 11Page - STMicroelectronics STG5678CJR Datasheet HTML 12Page - STMicroelectronics STG5678CJR Datasheet HTML 13Page - STMicroelectronics STG5678CJR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Electrical characteristics
STG5678
10/23
Doc ID 14580 Rev 3
Table 8.
Analog switch characteristics (CL = 5 pF, RL = 50 Ω,)
Symbol
Parameter
Test conditions
Value
Unit
VCC
(V)
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
OIRR
OFF isolation (1)
2.7
− 3.6
VS = 1 VRMS,
f = 100 kHz
–-86
–
–
–
dB
VS = 1 VRMS,
f = 1 MHz
–-70
–
–
–
VS = 1 VRMS,
f = 5 MHz
–-54
–
–
–
Xtalk
Crosstalk(2)
2.7
− 3.6
VS = 1 VRMS,
f = 100 kHz
–-96
–
–
–
dB
VS = 1 VRMS,
f = 1 MHz
–-87
–
–
–
VS = 1 VRMS,
f = 5 MHz
–-74
–
–
–
THD
Total harmonic
distortion
2.7
− 3.6
RL = 32 Ω
VIN = 0.5 VPP
DC bias = 0
f = 20 Hz to 20 kHz
–0.01
–
–
–
%
BW
-3dB bandwidth
2.7
− 3.6
RL = 50 Ω
Signal = 0 dBm
–30
–
–
–
MHz
CSEL
Control pin input
capacitance
3.3
f = 1 MHz
–
12
–
–
–
pF
CSn(OFF)
OFF Sn port
capacitance
3.3
f = 1 MHz
–120
–
–
–
pF
CD
D port capacitance
when switch is
enabled
3.3
f = 1 MHz
–
290
–
–
–
pF
1.
Off isolation = 20Log10 (VD/VS), VD = output. VS = input to off switch.
2.
Crosstalk values are measured between two switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com