Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG5678CJR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STG5678CJR
Description  Low voltage dual SPDT switch with negative rail capability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5678CJR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STG5678CJR Datasheet HTML 11Page - STMicroelectronics STG5678CJR Datasheet HTML 12Page - STMicroelectronics STG5678CJR Datasheet HTML 13Page - STMicroelectronics STG5678CJR Datasheet HTML 14Page - STMicroelectronics STG5678CJR Datasheet HTML 15Page - STMicroelectronics STG5678CJR Datasheet HTML 16Page - STMicroelectronics STG5678CJR Datasheet HTML 17Page - STMicroelectronics STG5678CJR Datasheet HTML 18Page - STMicroelectronics STG5678CJR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
STG5678
Application hint
Doc ID 14580 Rev 3
15/23
6
Application hint
6.1
Input signal dynamic range
The STG5678 negative analog switch allows input signals that fall below 0 V to pass through
the switch without signal distortion. The input signal dynamic range VI consists of a
positive-region and a negative-region.
The positive-region is limited by the level of VCC. The negative-region is limited by the
difference between VCC and 5.5 V. The effect of this is that, the higher the VCC, the smaller
the operating range in the negative region.
For example, if VCC = 3.6 V, the input signal dynamic range is from -1.9 V to 3.6 V.
Figure 13.
Application diagram
0V
VCC
VCC-5.5
Negative SW
VCC
VI
Negative region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com