Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69100 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # PD69100
Description  PoE Controller Unit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69100 Datasheet(HTML) 2 Page - Microsemi Corporation

  PD69100 Datasheet HTML 1Page - Microsemi Corporation PD69100 Datasheet HTML 2Page - Microsemi Corporation PD69100 Datasheet HTML 3Page - Microsemi Corporation PD69100 Datasheet HTML 4Page - Microsemi Corporation PD69100 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PD69100
DATASHEET
Copyright © 2010
Microsemi
Rev. 1.1, Dec. 2010
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
2
PoE Controller Unit
TM
®
AP P L I CAB L E D OC U M E NT S
IEEE 802.3af-2003 standard, DTE Power via MDI
IEEE 802.3at-2009 standard, DTE Power via MDI
Microsemi PD69108 datasheet , catalogue number DS_PD69108
Microsemi PD69104 datasheet , catalogue number DS_PD69104
Microsemi Serial communication protocol user guide , catalogue number 06-0054-080
Microsemi application note 174 for Designing 48-port Enhanced PoE System (802.3af/802.3at Compliant),
catalogue number 06-0054-080
Microsemi Application note 126 Software Download for PoE Units, catalogue number 06-0006-080
ST-Microelectornics STM32F101x6 datasheet
PIN F U N C TIO N A L IT Y
P IN
P IN
N A M E
P IN
TY PE
P IN
D ES C R I PTI O N
1.
VDD3
Supply
Main Supply 3.3V
2.
OSC_IN
Oscillator
Oscillator Input
3.
OSC_OUT
Oscillator
Oscillator Output
4.
xRESET
(NRST)
IN
Reset Input
5.
VSSA
AGND
Analog Ground
6.
VDDA
Supply
Main Supply 3.3V
7.
Spare_Analog
Analog_IN
N/A
8.
Rmode
Analog_IN
Pre Defined Power Budget
Settings
9.
Reserved
OUT
Software Debug Uart
10.
Reserved
IN
Software Debug Uart
11.
ESPI_xCS
OUT
ESPI Bus to PoE Manager
12.
ESPI_SCK
OUT
ESPI Bus to PoE Manager
13.
ESPI_MISO
IN
ESPI Bus to PoE Manager
14.
ESPI_MOSI
OUT
ESPI Bus to PoE Manager
15.
HW_VER
Analog_IN
Hardware Version
16.
I2C_ADDR
Analog_IN
I2C address of PD69100
17.
Reserved
IN
Not Used (Must be Puledl Up)
18.
VSS1
DGND
Digital Ground
19.
VDD1
Supply
Main Supply 3.3V
20.
xLed_Cs
OUT
Chip Select for LED Stream
P IN
P IN
N A M E
P IN
TY PE
P IN
D ES C R I PTI O N
21.
xInt_Out
OUT
Interrupt Output Indication
22.
I2C_Message_
Ready
OUT
Signals message is ready
to be read by Host,
23.
xLED_Latch
OUT
Latch for LED stream
24.
xLED_OE
OUT
Enable for status LED
25.
SWDIO
DEBUG
Serial Debug Data Bus
26.
VSS2
DGND
Digital Ground
27.
VDD2
Supply
Main Supply 3.3V
28.
SWCLK
DEBUG
Serial Debug Data Bus
Clock
29.
xDisable_Ports
IN
Disable all PoE Ports
30.
xHswp_On
OUT
External Hot Swap Device
Enable
31.
Spare
SPARE
I/O
N/A (PB4)
32.
xSys_OK
OUT
System Validity Indication
33.
SCL /
UART1_Tx
IN / OUT
I2C Clock or
UART Transmit
34.
SDA /
UART1_RX
IN / OUT
I2C Data or UART
Receive
35.
Boot0
input only
Must
pulled
low
Device Boot Configuration
36.
VSS3
DGND
Digital Ground
EL EC T R IC A L S PEC I F IC A TI O N
For a detailed electrical specification refer to the following datasheets at www.st.com.
 Manufacturer: STMicroelectronics
 Manufacturer part number: STM32F101T6U6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com