Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69100 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # PD69100
Description  PoE Controller Unit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69100 Datasheet(HTML) 1 Page - Microsemi Corporation

  PD69100 Datasheet HTML 1Page - Microsemi Corporation PD69100 Datasheet HTML 2Page - Microsemi Corporation PD69100 Datasheet HTML 3Page - Microsemi Corporation PD69100 Datasheet HTML 4Page - Microsemi Corporation PD69100 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PD69100
DATASHEET
Copyright © 2010
Microsemi
Rev. 1.1, Dec. 2010
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
1
PoE Controller Unit
TM
®
D ESC R I PTIO N
Microsemi’s™ PoE controller, PD69100, is a cost-
effective, pre-programmed unit designed to implement
Enhanced mode. It is used in conjunction with Microsemi’s
PoE Managers PD69108 and PD69104 in Ethernet
switches to enable next generation network devices to
share power and data over the same cable, as specified in
IEEE802.3af and IEEE802.3at standards. Enhanced
mode operation along with PD69108/PD69104 managers
enables operation in a total Power-over-Ethernet stand-
alone mode.
The controller features an ESPI bus for each PoE device
and a communication interface with Host CPU via UART
or I
2C protocol.
Device is based on STMicroelectronics family
STM32F101T6 embedded with ARM Cortex™-M3 core. It
includes the following peripherals:
 3 x Timers
 2 x Uarts
 1 x SPI
 1 x I
2C
 1 x 12-bit analog-to-digital converter
P I N C ON F I GUR A T I O N
36
1 2
3
4
5
6
7
9
8
18
17
16
15
14
13
12
11
27
10
26 25
24 23 22 21
19
20
29
28
30
31
32
33
34
35
ESPI_xCS
ESPI_MISO
ESPI_MOSI
ESPI_SCK
I2C_ADDR
VSS3
Boot0
SDA / UART1_RX
SCL / UART1_TX
xSys_OK
< Part Number >
< -Software Ver >
HW_VER
VSS1
Reserved
SWCLK
xDisable_Ports
xHswp_On
Spare
Reserved
< Date Code >
KE Y F E AT U RE S
Controls up to 48 PoE ports (6 x PD69108)
Pre-Standard / Capacitor detection
Detection of Cisco devices
Supports both UART and I
2C interfaces to
Host CPU
Backwards compatible with PD69000,
PD63000, PD62000 and PDIC66000
Supports 2 pair RJ or 4 pair RJ
16 power banks support using four discrete
lines connected directly to PD69108 /
PD69104.
Power management for up to 96 ports
Rmode pin for default parameters selection
Programmable over-voltage and under voltage
Predefined power budget; 16 discrete levels
LED stream support
System OK indication
Software download via I
2C or UART
System and port measurements
Detailed port status
Thermal protection and monitoring
Programmable temperature alarm limit
Interrupt out pin for system and port events
Forced power for system testing
System reset
Port power limit setting
Port matrix and priority
Automatic PoE device type detection
RoHS compliant
M A R K ET IN G D EF IN I TIO N S
Device’s label includes the following:
<Part number> Hardware P/N (for example
PD69100)
<-Software Ver> Software version (for
example. 0120)
<Date Code> Burning date code in the
following format: yyww (yy = year, ww = week)
F I RM W ARE DO W N L O AD
Initial burning of controller's firmware is
performed in factory. Firmware upgrades can
be performed by users using communication
interface (see application note 126 catalogue
number 06-0006-080).
OR D E R I NG I NF OR M A T I ON
Part Number
PD69100y-gggg
Detection
y = R: Resistor
y = C: Resistor/legacy
Version
gggg
*
For latest firmware version available, refer to Microsemi's website or Customer Care Support
.


Similar Part No. - PD69100

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD69101 MICROCHIP-PD69101 Datasheet
989Kb / 30P
1-Port PSE PoE Controller Datasheet
PD69101ILQ-TR MICROCHIP-PD69101ILQ-TR Datasheet
989Kb / 30P
1-Port PSE PoE Controller Datasheet
logo
Microsemi Corporation
PD69104B1 MICROSEMI-PD69104B1 Datasheet
2Mb / 36P
4-Port PoE Manager
March 2018
PD69104B1/F MICROSEMI-PD69104B1/F Datasheet
2Mb / 36P
4-Port PoE Manager
March 2018
PD69104B1ILQ-TR MICROSEMI-PD69104B1ILQ-TR Datasheet
2Mb / 36P
4-Port PoE Manager
March 2018
More results

Similar Description - PD69100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD63000 ETC1-PD63000 Datasheet
467Kb / 4P
PoE Microcontroller Unit
logo
Linear Technology
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
LT4275 LINER-LT4275 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LT4275 LINER-LT4275_15 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A_15 Datasheet
360Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
logo
Microchip Technology
PD39210 MICROCHIP-PD39210 Datasheet
638Kb / 22P
PoE PSE Controller
2020
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com