Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H7B0XB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 1 Page - STMicroelectronics

  STM32H7B0XB Datasheet HTML 1Page - STMicroelectronics STM32H7B0XB Datasheet HTML 2Page - STMicroelectronics STM32H7B0XB Datasheet HTML 3Page - STMicroelectronics STM32H7B0XB Datasheet HTML 4Page - STMicroelectronics STM32H7B0XB Datasheet HTML 5Page - STMicroelectronics STM32H7B0XB Datasheet HTML 6Page - STMicroelectronics STM32H7B0XB Datasheet HTML 7Page - STMicroelectronics STM32H7B0XB Datasheet HTML 8Page - STMicroelectronics STM32H7B0XB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 205 page
background image
Features
Includes ST state-of-the-art patented technology
Core
•
32-bit Arm® Cortex®-M7 core with double-precision FPU and L1 cache:
16 Kbytes of data and 16 Kbytes of instruction cache allowing to fill one cache
line in a single access from the 128-bit embedded flash memory; frequency up
to 280 MHz, MPU, 599 DMIPS/ 2.14 DMIPS/MHz (Dhrystone 2.1), and DSP
instructions
Memories
•
128 Kbytes of flash memory plus 1 Kbyte of OTP memory
•
~1.4 Mbytes of RAM: 192 Kbytes of TCM RAM (inc. 64 Kbytes of ITCM RAM +
128 Kbytes of DTCM RAM for time critical routines), 1.18 Mbytes of user SRAM,
and 4 Kbytes of SRAM in Backup domain
•
2x Octo-SPI memory interfaces with on-the-fly decryption, I/O multiplexing and
support for serial PSRAM/NOR, Hyper RAM/flash frame formats, running up to
140 MHz in SRD mode and up to 110 MHz in DTR mode
•
Flexible external memory controller with up to 32-bit data bus:
–
SRAM, PSRAM, NOR flash memory clocked up to 125 MHz in
Synchronous mode
–
SDRAM/LPSDR SDRAM
–
8/16-bit NAND flash memories
•
CRC calculation unit
Security
•
ROP, PC-ROP, active tamper, secure firmware upgrade support, Secure access
mode
General-purpose input/outputs
•
Up to 138 I/O ports with interrupt capability
–
Fast I/Os capable of up to 133 MHz
–
Up to 164 5-V-tolerant I/Os
Low-power consumption
•
Stop: down to 32 µA with full RAM retention
•
Standby: 2.8 µA (Backup SRAM OFF, RTC/LSE ON, PDR OFF)
•
VBAT: 0.8 µA (RTC and LSE ON)
Clock management
•
Internal oscillators: 64 MHz HSI, 48 MHz HSI48, 4 MHz CSI, 32 kHz LSI
•
External oscillators: 4-50 MHz HSE, 32.768 kHz LSE
•
3× PLLs (1 for the system clock, 2 for kernel clocks) with fractional mode
LQFP64
(10 x 10 mm)
LQFP100
(14 x 14 mm)
LQFP144
(20x20 mm)
LQFP176
(24 x 24 mm)
UFBGA169
(7 x 7 mm)
UFBGA176+25
(10x10 mm)
FBGA
Product summary
STM32H7B0xB
STM32H7B0AB,
STM32H7B0IB,
STM32H7B0RB,
STM32H7B0ZB,
STM32H7B0VB
32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte
RAM, 46 com. and analog interfaces, SMPS, crypto
STM32H7B0xB
Datasheet
DS13196 - Rev 7 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STM32H7B0XB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H7B0 STMICROELECTRONICS-STM32H7B0 Datasheet
320Kb / 4P
High-performance value lines
Oct-2020
More results

Similar Description - STM32H7B0XB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H755BI STMICROELECTRONICS-STM32H755BI Datasheet
3Mb / 252P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, crypto
May 2019 Rev 1
STM32H750VB STMICROELECTRONICS-STM32H750VB Datasheet
3Mb / 335P
32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
Rev 5
STM32H750VB STMICROELECTRONICS-STM32H750VB_V01 Datasheet
4Mb / 337P
32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
05-Feb-2021
STM32H745XI STMICROELECTRONICS-STM32H745XI Datasheet
3Mb / 252P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
16-May-2019
STM32H753XI STMICROELECTRONICS-STM32H753XI Datasheet
7Mb / 361P
32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto
04-Mar-2022
STM32H7A3XI STMICROELECTRONICS-STM32H7A3XI Datasheet
7Mb / 237P
32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
04-May-2021
STM32H757XI STMICROELECTRONICS-STM32H757XI Datasheet
2Mb / 251P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
16-May-2019
logo
Infineon Technologies A...
XMC7100 INFINEON-XMC7100 Datasheet
2Mb / 196P
XMC7000 microcontroller 32-bit Arm® Cortex®-M7 General description
Rev. A 2022-10-20
logo
STMicroelectronics
STM32H7B3XI STMICROELECTRONICS-STM32H7B3XI Datasheet
7Mb / 238P
32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
04-May-2021
STM32H742XI STMICROELECTRONICS-STM32H742XI_V01 Datasheet
7Mb / 357P
32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
30-Mar-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com