Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H7B0XB Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32H7B0XB Datasheet HTML 18Page - STMicroelectronics STM32H7B0XB Datasheet HTML 19Page - STMicroelectronics STM32H7B0XB Datasheet HTML 20Page - STMicroelectronics STM32H7B0XB Datasheet HTML 21Page - STMicroelectronics STM32H7B0XB Datasheet HTML 22Page - STMicroelectronics STM32H7B0XB Datasheet HTML 23Page - STMicroelectronics STM32H7B0XB Datasheet HTML 24Page - STMicroelectronics STM32H7B0XB Datasheet HTML 25Page - STMicroelectronics STM32H7B0XB Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 205 page
background image
•
three DAC converters: one for each output channel
•
8-bit or 12-bit monotonic output
•
left or right data alignment in 12-bit mode
•
synchronized update capability
•
noise-wave generation
•
triangular-wave generation
•
Triple DAC channel independent or simultaneous conversions
•
DMA capability for each channel including DMA underrun error detection
•
external triggers for conversion
•
input voltage reference VREF+ or internal VREFBUF reference.
The DAC channels are triggered through the timer update outputs that are also connected to different DMA
streams.
3.23
Voltage reference buffer (VREFBUF)
The built-in voltage reference buffer can be used as voltage reference for ADCs and DACs, as well as voltage
reference for external components through the VREF+ pin.
Five different voltages are supported (refer to the reference manual for details).
3.24
Ultra-low-power comparators (COMP)
The STM32H7B0xB devices embed two rail-to-rail comparators (COMP1 and COMP2). They feature
programmable reference voltage (internal or external), hysteresis and speed (low speed for low-power) as well as
selectable output polarity.
The reference voltage can be one of the following:
•
An external I/O
•
A DAC output channel
•
An internal reference voltage or submultiple (1/4, 1/2, 3/4)
•
The analog temperature sensor
•
The VBAT/4 supply.
All comparators can wake up from Stop mode, generate interrupts and breaks for the timers, and be combined
into a window comparator.
3.25
Operational amplifiers (OPAMP)
The STM32H7B0xB devices embed two rail-to-rail operational amplifiers (OPAMP1 and OPAMP2) with external
or internal follower routing and PGA capability, and two inputs and one output each. These three I/Os can be
connected to the external pins, thus enabling any type of external interconnections. The operational amplifiers
can be configured internally as a follower, as an amplifier with a non-inverting gain ranging from 2 to 16 or with
inverting gain ranging from -1 to -15.
The operational amplifier main features are:
•
PGA with a non-inverting gain ranging of 2, 4, 8 or 16 or inverting gain ranging of -1, -3, -7 or -15
•
Up to two positive inputs connected to DAC
•
Output connected to internal ADC
•
Low input bias current down to 1 nA
•
Low input offset voltage down to 1.5 mV
•
Gain bandwidth up to 8 MHz
The devices embed two operational amplifiers (OPMAP1 and OPAMP2) with two inputs and one output each.
These three I/Os can be connected to the external pins, thus enabling any type of external interconnections. The
operational amplifiers can be configured internally as a follower, as an amplifier with a non-inverting gain ranging
from 2 to 16 or with inverting gain ranging from -1 to -15.
3.26
Digital filter for sigma-delta modulators (DFSDM)
The device embeds two DFSDM interfaces:
STM32H7B0xB
Voltage reference buffer (VREFBUF)
DS13196 - Rev 7
page 22/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com