Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM066S Datasheet(PDF) 54 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 50Page - STMicroelectronics STPM066S Datasheet HTML 51Page - STMicroelectronics STPM066S Datasheet HTML 52Page - STMicroelectronics STPM066S Datasheet HTML 53Page - STMicroelectronics STPM066S Datasheet HTML 54Page - STMicroelectronics STPM066S Datasheet HTML 55Page - STMicroelectronics STPM066S Datasheet HTML 56Page - STMicroelectronics STPM066S Datasheet HTML 57Page - STMicroelectronics STPM066S Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 67 page
background image
Two regulators with the same order number are not allowed, except for 000 or 111 code. Enable bit in OTP
cells (EnLDO, EnBoost and EnVref) must be set to '1' too, to have the regulator ON in ACTIVE phase. All the
regulators with 111 code can be turned on in ACTIVE mode, when the SPI is available.
Regulators turning on delay after Power Good: the delay is the same for all the regulators.
•
00 = no delay
•
01 = 2 ms after PGOOD of previous regulator
•
10 = 5 ms after PGOOD of previous regulator
•
11 = 10 ms after PGOOD of previous regulator
•
Reset activation related to the right regulator Power Good (2 bits)
–
00 = Reset release after PGOOD of the BUCK with a delay from 0 (no delay) to 10 ms (2 bits)
–
01 = Reset release after PGOOD of the second regulator with a delay from 0 (no delay) to 10 ms (2
bits)
–
10 = Reset release after PGOOD of the third regulator with a delay from 0 (no delay) to 10 ms (2 bits)
–
11 = Reset release when ACTIVE state is reached (unconditional Reset release)
STPM066S
Power up programming
DS12976 - Rev 2
page 54/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com