Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM066S Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPM066S
Description  Power management for automotive vision and radar systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM066S Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPM066S Datasheet HTML 11Page - STMicroelectronics STPM066S Datasheet HTML 12Page - STMicroelectronics STPM066S Datasheet HTML 13Page - STMicroelectronics STPM066S Datasheet HTML 14Page - STMicroelectronics STPM066S Datasheet HTML 15Page - STMicroelectronics STPM066S Datasheet HTML 16Page - STMicroelectronics STPM066S Datasheet HTML 17Page - STMicroelectronics STPM066S Datasheet HTML 18Page - STMicroelectronics STPM066S Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
•
Monitor of the output voltage by an independent circuit for UV/OV detection: thresholds are set via SPI.
•
Monitor of the Power Good thresholds is set via SPI but the information is not available on the bus in active
mode.
•
Over Current Protection (with 2 selectable values by OTP) on High Side FET.
•
Over Temperature detection by a local thermal sensor.
•
PGND_BUCK loss detection. An external schottky diode is necessary to protect the power stage in case of
ground loss.
BUCK fault management:
•
If a UV/OV fault occurs then Fault pin is asserted and the corresponding fault bit is set inside the SPI
register, where it can be read and cleared. RESET_B is always asserted in case of UV. In case of OV, it
is possible to enable or disable the reset for all regulators together by OTP. The reset moves the device to
REC state.
•
If OT occurs, the power stage is switched OFF with a 16 µs filter time. The output decreases until UV is
detected. The regulator goes in REC state and can restart only when OT flag is reset. The corresponding
SPI bit is set and FAULT pin is asserted.
•
The over current limitation is a cycle by cycle protection: when a fault happens, the corresponding fault bit
(Buck_OC_STAT) is set inside the SPI register. This bit is stored and, after 7 consequent detection cycles,
the FAULT pin is asserted. When the current is limited, the voltage is lower than the expected value, but the
regulator is able to operate normally, also with the fault bit stored.
•
If PGND_BUCK ground loss occurs, all regulators are turned OFF, FAULT and RESET_B pins are asserted
and the device goes back to REC state. Until the fault is present any tentative of turning on the regulator is
ignored.
If this regulator is disabled and not used, VRBUCK_S and PGND_BUCK pins should be connected to ground.
4.2.2
BOOST
The BOOST regulator is a converter running at 2.4 MHz that provides a nominal voltage of 5 V or 7 V (selected
via OTP). Spread Spectrum on PWM is enabled by default and disabled via SPI; a phase shift of 90° versus
BUCK is internally generated. Soft start time is programmed via SPI. Compensation network is internal.
The BOOST regulator provides the following diagnostic:
•
Monitor of the output voltage by an independent circuit for UV/OV detection.
•
Monitor of the Power Good: thresholds status provided via SPI bit.
•
Over Current Protection.
•
Over Temperature detection by a local thermal sensor.
•
PGND_BOOST loss detection.
BOOST fault management:
•
If a UV/OV fault occurs the FAULT pin is asserted and the fault bit is set in the SPI register, where it can be
read and cleared.
•
If OT occurs, the power stage is switched OFF with a 16 µs filter time. The output decreases until UV is
detected. The regulator goes in REC state and can restart only when OT flag is reset. The corresponding
SPI bit is set and FAULT pin is asserted.
•
The over current limitation is a cycle by cycle protection operating on internal Boost Low Side peak current.
When a fault happens, the corresponding fault bit (Boost_OC_STAT) is set in the SPI register. The Boost
switch is turned off for the actual cycle and the output voltage is lower than expected. This fault bit is stored
and, after 7 consequent detection cycles, the FAULT pin is asserted. Diagnosis status (fault bit stored)
doesn't affect the Boost behavior, then the normal Boost operation is recovered as soon as the peak-current
returns below the OC threshold.
•
If PGND_BOOST ground loss occurs, the BOOST is turned OFF and FAULT pin is asserted. Until the fault is
present and stored any tentative of turning on the regulator is ignored. The BOOST can be turned on again
after the fault removal, and a Read & Clear cycle.
If this regulator is disabled and not used, VRBOOST_S and PGND_BOOST pins should be connected to ground.
STPM066S
Voltage regulators and features description
DS12976 - Rev 2
page 15/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com