Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH60RQ06CWL Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTH60RQ06CWL
Description  600 V, 2 X 30 A ultrafast high voltage rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60RQ06CWL Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STTH60RQ06CWL Datasheet HTML 3Page - STMicroelectronics STTH60RQ06CWL Datasheet HTML 4Page - STMicroelectronics STTH60RQ06CWL Datasheet HTML 5Page - STMicroelectronics STTH60RQ06CWL Datasheet HTML 6Page - STMicroelectronics STTH60RQ06CWL Datasheet HTML 7Page - STMicroelectronics STTH60RQ06CWL Datasheet HTML 8Page - STMicroelectronics STTH60RQ06CWL Datasheet HTML 9Page - STMicroelectronics STTH60RQ06CWL Datasheet HTML 10Page - STMicroelectronics STTH60RQ06CWL Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Table 5. TO-247 long leads package mechanical data
Dim.
mm.
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.90
-
5.15
0.192
-
0.203
A1
2.25
-
2.55
0.088
-
0.101
A2
1.85
-
2.10
0.072
-
0.083
b
1.07
-
1.32
0.042
-
0.052
b2
2.87
-
3.38
0.112
-
0.134
b3
1.90
-
2.38
0.074
-
0.094
C
0.55
-
0.67
0.021
-
0.027
D
20.82
-
21.10
0.819
-
0.831
E
15.70
-
16.02
0.618
-
0.631
E2
4.90
-
5.10
0.192
-
0.201
E3
2.40
-
2.60
0.094
-
0.103
e
5.34
-
5.54
0.210
-
0.219
L
19.80
-
20.30
0.779
-
0.800
L1
4.16
-
4.47
0.163
-
0.176
P
3.50
-
3.70
0.137
-
0.146
Q
5.49
-
6.00
0.216
-
0.237
S
6.04
-
6.29
0.237
-
0.248
STTH60RQ06CWL
TO-247 LL package information
DS13257 - Rev 3
page 8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com