Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP11NM60FD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP11NM60FD
Description  N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NM60FD Datasheet(HTML) 1 Page - STMicroelectronics

  STP11NM60FD Datasheet HTML 1Page - STMicroelectronics STP11NM60FD Datasheet HTML 2Page - STMicroelectronics STP11NM60FD Datasheet HTML 3Page - STMicroelectronics STP11NM60FD Datasheet HTML 4Page - STMicroelectronics STP11NM60FD Datasheet HTML 5Page - STMicroelectronics STP11NM60FD Datasheet HTML 6Page - STMicroelectronics STP11NM60FD Datasheet HTML 7Page - STMicroelectronics STP11NM60FD Datasheet HTML 8Page - STMicroelectronics STP11NM60FD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
July 2006
Rev 9
1/17
17
STB11NM60FD - STB11NM60FD-1
STP11NM60FD - STP11NM60FDFP
N-channel 600V - 0.40
Ω - 11A - TO-220/TO-220FP/D2PAK/I2PAK
FDmesh™ Power MOSFET (with fast diode)
General features
■ 100% avalanche tested
■ High dv/dt and avalanche capabilities
■ Low input capacitance and gate charge
■ Low gate input resistance
■ Tight process control and high manufacturing
yields
Description
The FDmesh™ associates all advantages of
reduced on-resistance and fast switching with an
intrinsic fast-recovery body diode. It is therefore
strongly recommended for bridge topologies, in
particular ZVS phase-shift converters.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB11NM60FD
600V
<0.45
Ω
11A
STB11NM60FD-1
600V
<0.45
Ω
11A
STP11NM60FD
600V
<0.45
Ω
11A
STP11NM60FDFP
600V
<0.45
Ω
11A
TO-220
TO-220FP
D²PAK
I²PAK
D²PAK
1
2
3
1
2
3
1
3
1
2
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB11NM60FD
B11NM60FD
D²PAK
Tape & reel
STB11NM60FD-1
B11NM60FD
I²PAK
Tube
STP11NM60FD
P11NM60FD
TO-220
Tube
STP11NM60FDFP
P11NM60FDFP
TO-220FP
Tube


Similar Part No. - STP11NM60FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM60FD STMICROELECTRONICS-STP11NM60FD Datasheet
357Kb / 16P
N-channel 30V - 0.014ohm - 45A TO-220 - TO-220FP - D2PAK STripFET II power MOSFET
09-Aug-2006
logo
Inchange Semiconductor ...
STP11NM60FD ISC-STP11NM60FD Datasheet
318Kb / 2P
isc N-Channel Mosfet Transistor
logo
VBsemi Electronics Co.,...
STP11NM60FD VBSEMI-STP11NM60FD Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP11NM60FDFP ISC-STP11NM60FDFP Datasheet
309Kb / 2P
isc N-Channel Mosfet Transistor
More results

Similar Description - STP11NM60FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM60 STMICROELECTRONICS-STP11NM60 Datasheet
548Kb / 12P
N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh™ Power MOSFET
May-2003
STP11NM60A STMICROELECTRONICS-STP11NM60A Datasheet
367Kb / 11P
N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh™ Power MOSFET
Mar-2002
STP12NM50FD STMICROELECTRONICS-STP12NM50FD Datasheet
649Kb / 14P
N-CHANNEL500V-0.32ohm-12ATO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??Power MOSFET with FAST DIODE
Jun-2002
STP20NM60FD STMICROELECTRONICS-STP20NM60FD Datasheet
341Kb / 15P
N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
01-Aug-2006
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH™IGBT
26-Apr-2007
STF20NM50D STMICROELECTRONICS-STF20NM50D Datasheet
494Kb / 11P
N-CHANNEL 500V - 0.22W - 20A TO-220/TO-220FP/D2PAK FDmesh??Power MOSFET (with FAST DIODE)
Nov-2003
STF30NM60ND STMICROELECTRONICS-STF30NM60ND Datasheet
289Kb / 15P
N-channel 600V - 0.11Ω - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??II Power MOSFET (with fast diode)
06-Nov-2007
STD11NM60ND STMICROELECTRONICS-STD11NM60ND Datasheet
530Kb / 18P
N-channel 600V - 0.37Ω - 10A - FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
23-Apr-2008
STB12NM50ND STMICROELECTRONICS-STB12NM50ND_09 Datasheet
1Mb / 16P
N-channel 500V, 0.29 OHM, 11A, FDmesh II Power MOSFET (with fast diode) in D2PAK, DPAK, TO-220FP
10-Jun-2009
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
N-channel 600 V, 0.11 Ω, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
11-Nov-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com