Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP11NM60FDFP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP11NM60FDFP
Description  N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NM60FDFP Datasheet(HTML) 3 Page - STMicroelectronics

  STP11NM60FDFP Datasheet HTML 1Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 2Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 3Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 4Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 5Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 6Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 7Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 8Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STB11NM60FD - STB11NM60FD-1 - STP11NM60FD - STP11NM60FDFP
Electrical ratings
3/17
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220/
D²PAK/I²PAK
TO-220FP
VDS
Drain-source voltage (vgs = 0)
600
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source voltage
±30
V
ID
Drain current (continuos) at TC = 25°C
11
11 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuos) at TC = 100°C
7
7 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
44
44 (1)
A
PTOT
Total dissipation at TC = 25°C
160
35
W
Derating factor
0.88
0.28
W/°C
dv/dt (3)
3.
ISD<11A, di/dt<400A/µs, VDD= 80% V(BR)DSS
Peak diode recovery voltage slope
20
V/ns
VISO
Insulation winthstand voltage (dc)
--
2500
V
Tstg
Storage temperature
–65 to 150
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
TO-220
D²PAK/I²PAK
TO-220FP
Rthj-case Thermal resistance junction-case Max
0.78
3.57
°C/W
Rthj-a
Thermal resistance junction-ambient Max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 3.
Avalanche data
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
5.5
A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID = IAR, VDD = 35V)
350
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com