Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP11NM60FDFP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP11NM60FDFP
Description  N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NM60FDFP Datasheet(HTML) 4 Page - STMicroelectronics

  STP11NM60FDFP Datasheet HTML 1Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 2Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 3Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 4Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 5Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 6Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 7Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 8Page - STMicroelectronics STP11NM60FDFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STB11NM60FD - STB11NM60FD-1 - STP11NM60FD - STP11NM60FDFP
4/17
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS = 0
600
V
IDSS
Zero gate voltage
Drain current (VGS = 0)
VDS = Max rating
1
µA
VDS=Max rating, TC=125°C
100
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ±30V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
3
4
5
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 5.5A
0.40
0.45
W
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Forward transconductance
VDS > ID(on) x RDS(on)max,
ID =5.5A
5.2
S
Ciss
Input capacitance
VDS = 25V, f = 1 MHz,
VGS = 0
900
pF
Coss
Output capacitance
350
pF
Crss
Reverse transfer
capacitance
35
pF
Coss eq
(2)
2.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS.
Equivalent output
capacitance
VGS = 0V, VDS = 0V to
400V
100
pF
RG
Gate input resistance
f=1 MHz Gate DC Bias= 0
test signal level = 20mV
open drain
3
Ω
Qg
Total gate charge
VDD = 400V, ID = 11A,
VGS = 10V
(see Figure 15)
28
40
nC
Qgs
Gate-source charge
7.8
nC
Qgd
Gate-drain charge
13
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com