Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TV16K Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST25TV16K
Description  NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV16K Datasheet(HTML) 1 Page - STMicroelectronics

  ST25TV16K Datasheet HTML 1Page - STMicroelectronics ST25TV16K Datasheet HTML 2Page - STMicroelectronics ST25TV16K Datasheet HTML 3Page - STMicroelectronics ST25TV16K Datasheet HTML 4Page - STMicroelectronics ST25TV16K Datasheet HTML 5Page - STMicroelectronics ST25TV16K Datasheet HTML 6Page - STMicroelectronics ST25TV16K Datasheet HTML 7Page - STMicroelectronics ST25TV16K Datasheet HTML 8Page - STMicroelectronics ST25TV16K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
Features
Contactless interface
•
Based on ISO/IEC 15693
•
NFC Forum Type 5 tag certified by the NFC Forum
•
Supports all ISO/IEC 15693 modulations, coding, subcarrier modes, and data
rates
•
Custom Fast read access, up to 53 Kbit/s
•
Single and multiple block reads (same for extended commands)
•
Single and multiple block writes (same for extended commands), up to four
•
Internal tuning capacitance: 28.5 pF
•
Kill capability for privacy protection
Memory
•
16 or 64 Kbits of EEPROM
•
RF interface accesses blocks of four bytes
•
Typical write time: 5 ms for one block
•
Data retention: 40 years
•
Write cycles endurance:
–
1 million at 25 °C
–
600 k at 85 °C
Data protection
•
User memory: one to four configurable areas, protectable in read and/or write
by three 64-bit passwords
•
System configuration: protected in write by a 64-bit password
Temperature range
•
From -40 to 85 °C
Wafer
Product status link
ST25TV16K
ST25TV64K
NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
ST25TV16K ST25TV64K
Datasheet
DS11489 - Rev 9 - January 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST25TV16K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25TV STMICROELECTRONICS-ST25TV Datasheet
124Kb / 3P
Set of ST25TV and ST25TN series NFC tags
18-Oct-2022
ST25TV02K STMICROELECTRONICS-ST25TV02K Datasheet
1Mb / 90P
NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
Rev 11
ST25TV02K-AD6H3 STMICROELECTRONICS-ST25TV02K-AD6H3 Datasheet
1Mb / 90P
NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
Rev 11
ST25TV02KC STMICROELECTRONICS-ST25TV02KC Datasheet
124Kb / 3P
Set of ST25TV and ST25TN series NFC tags
18-Oct-2022
ST25TV04K-P STMICROELECTRONICS-ST25TV04K-P Datasheet
2Mb / 107P
NFC Type 5 / RFID tag IC with 4-Kbit EEPROM and protection
03-Jan-2023
More results

Similar Description - ST25TV16K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRTAG2KL STMICROELECTRONICS-SRTAG2KL Datasheet
1Mb / 51P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
16-Jan-2015
ST25TA16K STMICROELECTRONICS-ST25TA16K Datasheet
591Kb / 45P
NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
05-May-2015
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
17-Apr-2015
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
ST25DV04K STMICROELECTRONICS-ST25DV04K Datasheet
2Mb / 220P
Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
19-Dec-2017
ST25DV04KC STMICROELECTRONICS-ST25DV04KC Datasheet
2Mb / 203P
Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
Rev 3
ST25DV04K STMICROELECTRONICS-ST25DV04K_V01 Datasheet
2Mb / 200P
Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
Rev 9
ST25TV02K STMICROELECTRONICS-ST25TV02K Datasheet
1Mb / 90P
NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
Rev 11
ST25DV04K STMICROELECTRONICS-ST25DV04K_V02 Datasheet
3Mb / 197P
Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
24-Jan-2023
ST25TV04K-P STMICROELECTRONICS-ST25TV04K-P Datasheet
2Mb / 107P
NFC Type 5 / RFID tag IC with 4-Kbit EEPROM and protection
03-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com