Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TV16K Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST25TV16K
Description  NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV16K Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST25TV16K Datasheet HTML 36Page - STMicroelectronics ST25TV16K Datasheet HTML 37Page - STMicroelectronics ST25TV16K Datasheet HTML 38Page - STMicroelectronics ST25TV16K Datasheet HTML 39Page - STMicroelectronics ST25TV16K Datasheet HTML 40Page - STMicroelectronics ST25TV16K Datasheet HTML 41Page - STMicroelectronics ST25TV16K Datasheet HTML 42Page - STMicroelectronics ST25TV16K Datasheet HTML 43Page - STMicroelectronics ST25TV16K Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
1. This field is optional.
2. Repeated as needed.
Response parameters:
•
Block security status if Option_flag is set (see Table 63. Block security status)
•
N blocks of data
Table 63. Block security status
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future use.
All at 0.
0: Current block not locked
1: Current block locked
Table 64. Read Multiple Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: command option is not supported
–
0Fh: error with no information given
–
10h: the specified block is not available
–
15h: the specified block is read-protected
Figure 15. Read Multiple Block frame exchange between VCD and ST25TV16K/64K
SOF
Read Multiple
Block request
VCD
ST25TV16K/64K
EOF
SOF
Read Multiple
Block response
EOF
t1
6.4.13
Extended Read Multiple Blocks
When receiving the Extended Read multiple block command, the ST25TV16K/64K reads the selected blocks and
sends back their value in multiples of 32 bits in the response. The blocks are numbered from 00h to last block of
memory in the request and the value is minus one (-1) in the field. For example, if the “Number of blocks” field
contains the value 06h, seven blocks are read. The maximum number of blocks is fixed at 2047 assuming that
they are all located in the same area. If the number of blocks overlaps areas or overlaps the end of user memory,
the ST25TV16K/64K returns an error code. When the Option_flag is set, the response returns the Block Security
Status.
The Inventory_flag must be set to 0.
Block number is coded on 2 Bytes so all memory blocks of ST25TV16K/64K can be addressed using this
command.
ST25TV16K ST25TV64K
RF Commands
DS11489 - Rev 9
page 40/87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com