Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTS373MS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ACTS373MS
Description  Radiation Hardened Octal Transparent Latch, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACTS373MS Datasheet(HTML) 5 Page - Renesas Technology Corp

  ACTS373MS Datasheet HTML 1Page - Renesas Technology Corp ACTS373MS Datasheet HTML 2Page - Renesas Technology Corp ACTS373MS Datasheet HTML 3Page - Renesas Technology Corp ACTS373MS Datasheet HTML 4Page - Renesas Technology Corp ACTS373MS Datasheet HTML 5Page - Renesas Technology Corp ACTS373MS Datasheet HTML 6Page - Renesas Technology Corp ACTS373MS Datasheet HTML 7Page - Renesas Technology Corp ACTS373MS Datasheet HTML 8Page - Renesas Technology Corp ACTS373MS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ACTS373MS
FN4000 Rev 0.00
Page 5 of 10
April 1995
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUP
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Preburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
Interim Test 1 (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
Interim Test 2 (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
PDA
100%/5004
1, 7, 9, Deltas
Interim Test 3 (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample/5005
1, 7, 9
Group D
Sample/5005
1, 7, 9
NOTE:
1. Alternate Group A testing may be exercised in accordance with MIL-STD-883, Method 5005.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE
GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. BURN-IN TEST CONNECTIONS (+125oC < TA < 139oC)
OPEN
GROUND
1/2 VCC = 3V
0.5V
VCC = 6V
0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN 1 (Note 1)
-
1, 3, 4, 7, 8, 10, 11,
13, 14, 17, 18
2, 5, 6, 9, 12, 15, 16, 19
20
-
-
STATIC BURN-IN 2 (Note 1)
-
10
2, 5, 6, 9, 12, 15, 16, 19
1, 3, 4, 7, 8, 11, 13,
14, 17, 18, 20
--
DYNAMIC BURN-IN (Note 1)
-
1, 10
2, 5, 6, 9, 12, 15, 16, 19
20
11
3, 4, 7, 8, 13,
14, 17, 18
NOTE:
1. Each pin except VCC and GND will have a series resistor of 500
 5%.
TABLE 9. IRRADIATION TEST CONNECTIONS (TA = +25oC,
5oC)
FUNCTION
OPEN
GROUND
VCC = 5V
0.5V
Irradiation Circuit (Note 1)
2, 5, 6, 9, 12, 15, 16, 19
10
1, 3, 4, 7, 8, 11, 13, 14, 17, 18, 20
NOTE:
1. Each pin except VCC and GND will have a series resistor of 47k
 5%. Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com