Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF12EPUR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STEF12EPUR
Description  Electronic fuse for 12 V line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12EPUR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STEF12EPUR Datasheet HTML 11Page - STMicroelectronics STEF12EPUR Datasheet HTML 12Page - STMicroelectronics STEF12EPUR Datasheet HTML 13Page - STMicroelectronics STEF12EPUR Datasheet HTML 14Page - STMicroelectronics STEF12EPUR Datasheet HTML 15Page - STMicroelectronics STEF12EPUR Datasheet HTML 16Page - STMicroelectronics STEF12EPUR Datasheet HTML 17Page - STMicroelectronics STEF12EPUR Datasheet HTML 18Page - STMicroelectronics STEF12EPUR Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin configuration (top view) ........................................................... 3
Figure 3.
Application circuit .................................................................. 6
Figure 4.
Typical HDD application circuit ......................................................... 6
Figure 5.
Delay time and VOUT ramp-up time ...................................................... 8
Figure 6.
En/fault pin status .................................................................. 8
Figure 7.
Clamping voltage vs. temperature ....................................................... 9
Figure 8.
UVLO voltage vs. temperature ......................................................... 9
Figure 9.
UVLO hysteresis vs. temperature ....................................................... 9
Figure 10.
Off-state voltage vs. temperature ....................................................... 9
Figure 11.
Bias current (device operational)........................................................ 9
Figure 12.
ON-resistance vs. temperature ......................................................... 9
Figure 13.
Current limit vs. RLimit .............................................................. 10
Figure 14.
Thermal latch delay vs. power ........................................................ 10
Figure 15.
VOUT ramp-up vs. enable ............................................................ 10
Figure 16.
VOUT clamping ................................................................... 10
Figure 17.
Line transient .................................................................... 10
Figure 18.
Startup into output short-circuit ........................................................ 10
Figure 19.
Thermal latch from 2 A load to short-circuit................................................ 11
Figure 20.
Startup into output short-circuit (fast rise) ................................................. 11
Figure 21.
DFN10 (3x3 mm) package outline ...................................................... 12
Figure 22.
DFN10 (3x3 mm) recommended footprint................................................. 13
Figure 23.
DFN10 (3x3 mm) tape and reel outline................................................... 14
STEF12E
List of figures
DS12800 - Rev 2
page 18/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com