Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF12EPUR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEF12EPUR
Description  Electronic fuse for 12 V line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12EPUR Datasheet(HTML) 3 Page - STMicroelectronics

  STEF12EPUR Datasheet HTML 1Page - STMicroelectronics STEF12EPUR Datasheet HTML 2Page - STMicroelectronics STEF12EPUR Datasheet HTML 3Page - STMicroelectronics STEF12EPUR Datasheet HTML 4Page - STMicroelectronics STEF12EPUR Datasheet HTML 5Page - STMicroelectronics STEF12EPUR Datasheet HTML 6Page - STMicroelectronics STEF12EPUR Datasheet HTML 7Page - STMicroelectronics STEF12EPUR Datasheet HTML 8Page - STMicroelectronics STEF12EPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2
Pin configuration
Figure 2. Pin configuration (top view)
V
CC
Source
Source
Source
Source
Source
GND
dv/dt
En/fault
I-Limit
N/C
AMG300320171101MT
Table 1. Pin description
Pin n°
Symbol
Note
1
GND
Ground pin.
2
dv/dt
The internal dv/dt circuit controls the slew rate of the output voltage on turn-on. The internal
capacitor allows a ramp-up time of around 1 ms. An external capacitor can be added to this pin to
increase the ramp time. If an additional capacitor is not required, this pin should be left open.
3
En/fault
The Enable/Fault pin is a tri-state, bi-directional interface. During normal operation the pin must be
left floating, or it can be used to disable the output of the device by pulling it to ground using an
open drain or open collector device.
If a thermal fault occurs, the voltage on this pin goes into an intermediate state to signal a monitor
circuit that the device is in thermal shutdown. It can be connected to another device of this family
to cause a simultaneous shutdown during thermal events.
4
I-Limit
A resistor between this pin and the Source pin sets the overload and short-circuit current limit
levels.
5
N/C
Not connected.
6 to 10
VOUT/Source
Connected to the source of the internal power MOSFET and to the output terminal of the fuse.
11
VCC
Exposed pad. Positive input voltage must be connected to VCC.
STEF12E
Pin configuration
DS12800 - Rev 2
page 3/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com