Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF1048FTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 7Page - STMicroelectronics VNF1048FTR Datasheet HTML 8Page - STMicroelectronics VNF1048FTR Datasheet HTML 9Page - STMicroelectronics VNF1048FTR Datasheet HTML 10Page - STMicroelectronics VNF1048FTR Datasheet HTML 11Page - STMicroelectronics VNF1048FTR Datasheet HTML 12Page - STMicroelectronics VNF1048FTR Datasheet HTML 13Page - STMicroelectronics VNF1048FTR Datasheet HTML 14Page - STMicroelectronics VNF1048FTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
ID
Symbol
Parameter
Test conditions Min.
Typ.
Max.
Unit
8.2
VHSC_THRS_0
Hard Short Circuit protection thresholds
20
mV
VHSC_THRS_1
23
VHSC_THRS_2
26.4
VHSC_THRS_3
30.3
VHSC_THRS_4
34.8
VHSC_THRS_5
40
VHSC_THRS_6
45.9
VHSC_THRS_7
52.8
VHSC_THRS_8
60.6
VHSC_THRS_9
69.6
VHSC_THRS_10
80
VHSC_THRS_11
91.9
VHSC_THRS_12
105.6
VHSC_THRS_13
121.3
VHSC_THRS_14
139.3
VHSC_THRS_15
160.00
8.3
VHSC_THRS_ACC
Hard Short Circuit protection threshold
accuracy
-5
5
%
8.4
VHSC_DELAY
Hard Short Circuit protection delay time
5
µs
8.5
VHSC_ADC_CONV
Hard Short Circuit protection ADC full range
resolution
VHSC_ADC[9:0] =
MIN((VSENSE/
160*1024),
1023)
0
1023
8.6
VHSC_ADC_RATE
Hard Short Circuit ADC sample rate
0.9
MSample/s
Table 16. Overcurrent protection
ID
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
9.1 VOC_THRS_RANGE
Overcurrent protection threshold range
32 steps adjustable thru SPI
6
90
mV
9.2
VOC_THRS_0
Overcurrent protection thresholds
-12%
6
+12%
mV
VOC_THRS_1
7.2
VOC_THRS_2
8.7
VOC_THRS_3
-7%
10.4
+7%
VOC_THRS_4
11.8
VOC_THRS_5
13
VOC_THRS_6
13.8
VOC_THRS_7
14.8
VOC_THRS_8
15.8
VOC_THRS_9
16.8
VOC_THRS_10
17.9
VNF1048F
Main electrical characteristics
DS13084 - Rev 6
page 11/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com